Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 114 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 110Page - ATMEL Corporation AVR32AP Datasheet HTML 111Page - ATMEL Corporation AVR32AP Datasheet HTML 112Page - ATMEL Corporation AVR32AP Datasheet HTML 113Page - ATMEL Corporation AVR32AP Datasheet HTML 114Page - ATMEL Corporation AVR32AP Datasheet HTML 115Page - ATMEL Corporation AVR32AP Datasheet HTML 116Page - ATMEL Corporation AVR32AP Datasheet HTML 117Page - ATMEL Corporation AVR32AP Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 181 page
background image
114
32001A–AVR32–06/06
AVR32
To be able to use AUX-based debug tools for AVR32, a circuit design using an AVR32 device
should use a Mictor38 connector (AMP P/N 767054-1) as defined in the Nexus standard, with
the pinout shown in Table 9-18.
9.3.3.1
Reset configuration
Message transmission can be enabled or disabled according to the state of the EVTI pin when
the JTAG TAP controller is reset. When messaging is enabled, output messages are transmitted
normally. If message transmission is disabled, the auxiliary output pins (MCKO, MDO, MSEO)
are tristated, and no messages will be transmitted.
Reset configuration information must be valid on EVTI at least 2 TCK periods prior to negation of
TRST or exit from the TEST-LOGIC-RESET TAP state. The AUX port will be enabled as shown
in Table 9-19.
If the Nexus port is disabled after reset, the debugger can still enable the port by writing to the
AXC:AXE (Auxiliary Enable) bit to enable trace functionality at any time before trace is activated.
Table 9-18.
AVR32 standard Nexus connector pinout. All directions relative to processor
Signal
Dir
Pin
Pin
Dir
Signal
MSEO0
Out
38
37
N/C
MSEO1
Out
36
35
N/C
MCKO
Out
34
33
N/C
EVTO_N
Out
32
31
N/C
MDO0
Out
30
29
N/C
MDO1
Out
28
27
N/C
MDO2
Out
26
25
N/C
MDO3
Out
24
23
N/C
MDO4
Out
2221In
TRST_N
MDO5
Out
2019In
TDI
N/C
1817In
TMS
N/C
1615In
TCK
N/C
14
13
N/C
VREF
Out
12
11
Out
TDO
EVTI_N
In
10
9
In
RESET_N
N/C
8
7
N/C
N/C
6
5
N/C
N/C
4
3
N/C
N/C
2
1
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com