Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 117 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 113Page - ATMEL Corporation AVR32AP Datasheet HTML 114Page - ATMEL Corporation AVR32AP Datasheet HTML 115Page - ATMEL Corporation AVR32AP Datasheet HTML 116Page - ATMEL Corporation AVR32AP Datasheet HTML 117Page - ATMEL Corporation AVR32AP Datasheet HTML 118Page - ATMEL Corporation AVR32AP Datasheet HTML 119Page - ATMEL Corporation AVR32AP Datasheet HTML 120Page - ATMEL Corporation AVR32AP Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 181 page
background image
117
32001A–AVR32–06/06
AVR32
Note that if the OCD is disabled (by clearing DC:DBE or by a system reset), trace is suspended
until DC:DBE is written to one. The DC:TM bits must be written simultaneously, and define which
trace features should now be active.
Similarly, when an application reset is triggered by writing DC:RES, the DC:TM bits are written
simultaneously and define which trace features should now be active.
9.3.4
Messages
9.3.4.1
Error
The error message indicates various errors that can occur during trace or debugging. Table 9-21
lists the various errors that can be reported, along with the associated ECODE.
If trace messages are lost because of insufficient space in the Transmit Queue, an error mes-
sage is transmitted, followed by a synchronization message, as soon as space is available in the
Transmit Queue.
Table 9-20.
Error
Indirect Branch Message with Sync
Direction: From target
Packet Size
(bits)
Packet Name
Packet Type
Description
5
ECODE
Fixed
Error code. Refer to
Table 9-21.
6
TCODE
Fixed
Value = 8
Table 9-21.
Error codes
ECODE
Description
0b00000
Ownership trace overrun
0b00001
Program trace overrun
0b00010
Data trace overrun
0b00011 -
0b00101
Reserved
0b00110
Watchpoint overrun.
0b00111
Program and/or data and/or ownership trace overrun.
0b01000
Program trace and/or data and/or ownership trace and/or watchpoint overrun.
0b01001 -
0b11111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com