Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 122 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 118Page - ATMEL Corporation AVR32AP Datasheet HTML 119Page - ATMEL Corporation AVR32AP Datasheet HTML 120Page - ATMEL Corporation AVR32AP Datasheet HTML 121Page - ATMEL Corporation AVR32AP Datasheet HTML 122Page - ATMEL Corporation AVR32AP Datasheet HTML 123Page - ATMEL Corporation AVR32AP Datasheet HTML 124Page - ATMEL Corporation AVR32AP Datasheet HTML 125Page - ATMEL Corporation AVR32AP Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 181 page
background image
122
32001A–AVR32–06/06
AVR32
9.4.2.3
Data Breakpoints
Data Breakpoint modules listen on the data address and data value lines between the CPU and
the data cache and can halt the CPU, or send a watchpoint message, if the address and / or
value meets a stored compare value. Unlike program breakpoints, data breakpoints halt on the
next instruction after the load / store instruction that caused the breakpoint has completed.
The BWA register must be written with the address of the data the debugger wants to halt on.
BWA matches on virtual addresses. In order to get a precise match on a virtual address when
MMU is enabled, the Address Space Identifier (ASID) matching must be enabled in the BWC,
and the ASID must be written to the ASID field of the BWC. The ASID to match on will be read
from the current ASID in the MMU.
As shown in Figure 9-8 the data breakpoint modules snoop on the address and data lines
between the CPU and the data cache. This ensures that the data breakpoints only trigger on
actual load / store operations and not on prefetch or other automated cache related accesses.
This is required for data breakpoints to be consistent with the CPUs view of the data memory. It
does however, have the effect that a write to cached memory will trigger before the write has
been flushed to memory. Uncached writes will trigger as they are written to the memory.
Data breakpoints are not available in Monitor Mode.
Figure 9-8.
Data breakpint interface.
9.4.2.4
Data alignment
The AVR32 can read or write data in bytes, halfwords, or words. The same data location can be
accessed through either operation, e.g. a byte location can be accessed as part of a double
word. The data bus operations seen by the OCD system are always aligned, i.e. halfwords start
on halfword boundaries, word accesses start on word boundaries, as illustrated in Figure 9-9. If
the data bus operation is a double word load / store, the breakpoint module will see the word
data value which corresponds to the address in BWA.
CPU
Data Cache
Memory
Data
Data
Address
System Bus
Data
Breakpoints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com