Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 125 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 125 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 121Page - ATMEL Corporation AVR32AP Datasheet HTML 122Page - ATMEL Corporation AVR32AP Datasheet HTML 123Page - ATMEL Corporation AVR32AP Datasheet HTML 124Page - ATMEL Corporation AVR32AP Datasheet HTML 125Page - ATMEL Corporation AVR32AP Datasheet HTML 126Page - ATMEL Corporation AVR32AP Datasheet HTML 127Page - ATMEL Corporation AVR32AP Datasheet HTML 128Page - ATMEL Corporation AVR32AP Datasheet HTML 129Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 181 page
background image
125
32001A–AVR32–06/06
AVR32
9.4.5
Messages
9.4.5.1
Watchpoint Hit (WH)
9.4.5.2
Trace Watchpoint Hit (TWH)
9.4.6
Registers
9.4.6.1
PC Breakpoint/Watchpoint Address registers (BWA0A, BWA0, BWA1A, BWA1B, BWA2A, BWA2B)
The 6 BWA registers contains one instruction address each. The address can be used for a sin-
gle breakpoint match or used as bitwise mask to create a range.
Table 9-24.
Watchpoint Hit
Watchpoint Message
Direction: From target
Packet
Size
Packet
Name
Packet
Type
Description
8WPHIT
Fixed
XXXXXXX1 = Watchpoint 0 matched
XXXXXX1X = Watchpoint 1 matched
...
X1XXXXXX = Watchpoint 6 matched
1XXXXXXX = Watchpoint 7 matched
6
TCODE
Fixed
Value = 15
Table 9-25.
Trace Watchpoint Hit
Trace Watchpoint Message
Direction: From target
Packet
Size
Packet
Name
Packet
Type
Description
2WPHIT
Fixed
X1 = Watchpoint 0 matched
1X = Watchpoint 1 matched
6
TCODE
Fixed
Value = 56
Table 9-26.
PC BWAnx Register
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:0
BWA
0
Breakpoint/Watchpoint Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com