Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 129 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 129 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 125Page - ATMEL Corporation AVR32AP Datasheet HTML 126Page - ATMEL Corporation AVR32AP Datasheet HTML 127Page - ATMEL Corporation AVR32AP Datasheet HTML 128Page - ATMEL Corporation AVR32AP Datasheet HTML 129Page - ATMEL Corporation AVR32AP Datasheet HTML 130Page - ATMEL Corporation AVR32AP Datasheet HTML 131Page - ATMEL Corporation AVR32AP Datasheet HTML 132Page - ATMEL Corporation AVR32AP Datasheet HTML 133Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 181 page
background image
129
32001A–AVR32–06/06
AVR32
9.4.6.7
Watchpoint Trigger
Table 9-32.
WT, Watchpoint Trigger Register
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:29
PTS
000
PTS - Program Trace Start
000 = Trigger disabled
001 = Program watchpoint 0b
010 = Program watchpoint 1a
011 = Program watchpoint 1b
100 = Program watchpoint 2a
101 = Program watchpoint 2b
110 = Data watchpoint 3a
111 = Data watchpoint 3b
R/W
28:26
PTE
000
PTE - Program Trace End
000 = Trigger disabled
001 <-> 111 Watchpoint selected as for PTS
R/W
25:23
DTS
000
DTS - Data Trace Start
000 = Trigger disabled
001 <-> 111 Watchpoint selected as for PTS
R/W
22:20
DTE
000
DTE - Data Trace End
000 = Trigger disabled
001 <-> 111 Watchpoint selected as for PTS
R
19:0
Reserved
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com