Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 133 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 129Page - ATMEL Corporation AVR32AP Datasheet HTML 130Page - ATMEL Corporation AVR32AP Datasheet HTML 131Page - ATMEL Corporation AVR32AP Datasheet HTML 132Page - ATMEL Corporation AVR32AP Datasheet HTML 133Page - ATMEL Corporation AVR32AP Datasheet HTML 134Page - ATMEL Corporation AVR32AP Datasheet HTML 135Page - ATMEL Corporation AVR32AP Datasheet HTML 136Page - ATMEL Corporation AVR32AP Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 181 page
background image
133
32001A–AVR32–06/06
AVR32
.
9.5.4.4
Program Trace Synchronization
This message is output by the PTU when any of the following conditions occurs:
1.
Upon exit from reset. This is required to allow the number of instruction units executed
packet in a subsequent Program Trace Message to be correctly interpreted by the tool.
2.
When program trace is enabled during normal execution of the embedded processor.
3.
Upon exit from a power-down state. This is required to allow the number of instruction
units executed packet in a subsequent Program Trace Message to be correctly inter-
preted by the tool.
4.
Upon exiting from Debug Mode.
5.
An overrun condition had previously occurred in which one or more branch trace occur-
rences were discarded by the target processor’s debug logic.To inform the tool that an
overrun condition occurred, the target outputs an Error Message (TCODE = 8) with an
ECODE value of 00001 or 00111 immediately prior to the Program Trace Synchroniza-
tion Message.
6.
A debug control register field specifies that EVTI pin action is to generate program trace
synchronization, and the Event-In (EVTI) pin has been asserted.
7.
Upon overflow of the sequential instruction unit counter.
8.
After 256 branch messages without sync.
Table 9-37.
Indirect branch message without sync
Indirect Branch Message
Direction: From target
Packet
Size (bits)
Packet
Name
Packet
Type
Description
32
U-ADDR
Variable
The unique portion of the branch target address for a taken
indirect branch or exception. Most significant bits that have a
value of 0 are truncated.
8
I-CNT
Variable
Number of bytes executed since the last taken branch.
2EVT-ID
Fixed
Cause of indirect branch:
3: Exception entry
2: Call
1: Branch via register contents
0: Return
6
TCODE
Fixed
Value = 4
Table 9-38.
Program Trace Synchronization Message
Program Trace Sync Message
Direction: From target
Packet
Size (bits)
Packet
Name
Packet
Type
Description
32
PC
Variable
The full current instruction address. Most significant bits that
have a value of 0 are truncated.
8
I-CNT
Variable
Number of bytes executed since the last taken branch.
6TCODE
Fixed
Value = 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com