Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 134 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 130Page - ATMEL Corporation AVR32AP Datasheet HTML 131Page - ATMEL Corporation AVR32AP Datasheet HTML 132Page - ATMEL Corporation AVR32AP Datasheet HTML 133Page - ATMEL Corporation AVR32AP Datasheet HTML 134Page - ATMEL Corporation AVR32AP Datasheet HTML 135Page - ATMEL Corporation AVR32AP Datasheet HTML 136Page - ATMEL Corporation AVR32AP Datasheet HTML 137Page - ATMEL Corporation AVR32AP Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 181 page
background image
134
32001A–AVR32–06/06
AVR32
9.5.4.5
Program Trace, Direct Branch with Sync
If a Program Trace Synchronization message occurs on an instruction which transmits a direct
branch message, the Direct Branch with Sync message is transmitted instead of the Program
Trace Synchronization message. The Direct Branch with Sync message contains the instruction
count referring to the taken branch, as well as the complete PC value of the branch target.
The format for direct branch messages with sync is shown below. The AVR32 OCD system
never issues speculative branch messages and there is therefore no CANCEL packet.
9.5.4.6
Program Trace, Indirect Branch with Sync
If a Program Trace Synchronization message occurs on an instruction which transmits an indi-
rect branch message, the Indirect Branch with Sync message is transmitted instead of the
Program Trace Synchronization message. The Indirect Branch with Sync message contains the
instruction count referring to the taken branch, as well as the complete PC value of the branch
target.
The format for indirect branch messages with sync is shown below. The AVR32 OCD system
never issues speculative branch messages and there is therefore no CANCEL packet.
9.5.4.7
Program Trace, Resource Full
This message is output whenever an internal resource (sequential instruction counter) has
reached its maximum value. To avoid losing information when this resource becomes full, the
Resource Full message is transmitted. The information from this message is added with infor-
mation from subsequent messages to interpret the full picture of what has transpired. Multiple
Table 9-39.
Direct Branch message with Sync
Direct Branch Message with Sync
Direction: From target
Packet
Size (bits)
Packet
Name
Packet
Type
Description
32
F-ADDR
Variable
The full target address for a taken direct branch. Most
significant bits that have a value of 0 are truncated.
8
I-CNT
Variable
Number of bytes executed since the last taken branch.
6
TCODE
Fixed
Value = 11
Table 9-40.
Indirect Branch message with Sync
Indirect Branch Message with Sync
Direction: From target
Packet
Size (bits)
Packet
Name
Packet
Type
Description
32
F-ADDR
Variable
The full target address for a taken direct branch. Most
significant bits that have a value of 0 may be truncated.
8
I-CNT
Variable
Number of bytes executed since the last taken branch.
2
EVT-ID
Fixed
Cause of indirect branch:
3: Exception entry
2: Call
1: Branch via register contents
0: Return
6
TCODE
Fixed
Value = 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com