Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 135 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 131Page - ATMEL Corporation AVR32AP Datasheet HTML 132Page - ATMEL Corporation AVR32AP Datasheet HTML 133Page - ATMEL Corporation AVR32AP Datasheet HTML 134Page - ATMEL Corporation AVR32AP Datasheet HTML 135Page - ATMEL Corporation AVR32AP Datasheet HTML 136Page - ATMEL Corporation AVR32AP Datasheet HTML 137Page - ATMEL Corporation AVR32AP Datasheet HTML 138Page - ATMEL Corporation AVR32AP Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 181 page
background image
135
32001A–AVR32–06/06
AVR32
Resource Full messages can occur before the arrival of the message that the information
belongs with.
9.5.4.8
Program Trace Correlation
Program Trace Correlation messages are used to correlate events to the program flow that may
not be associated with the instruction stream (e.g. Data Trace Messages). The occurrence of an
event listed in Table 9-43 will cause this message to be transmitted.
Table 9-41.
Resource Full message
Program Trace, Resource Full
Direction: From target
Packet
Size (bits)
Packet
Name
Packet
Type
Description
8
RDATA
Variable
Number of bytes executed since the last taken branch.
4
RCODE
Fixed
Resource Code. This code indicates which internal resource
has reached its maximum value. Refer to Table 9-42 for
details.
6
TCODE
Fixed
Value = 27
Table 9-42.
Resource Code (RCODE) description
Resource
Code
Resource
Data Packet Value
0b0000
Program Trace - Sequential Instruction
Counter
Number of instruction units executed since
the last taken branch.
0b0001 -
0b1111
Reserved
Table 9-43.
Program Trace Correlation message
Program Trace Correlation
Direction: From target
Packet
Size (bits)
Packet
Name
Packet
Type
Description
8
I-CNT
Variable
Number of instruction units executed since the last taken
branch.
4
EVCODE
Fixed
Event Code. Refer to Table 9-44.
6
TCODE
Fixed
Value = 33
Table 9-44.
Event Code (EVCODE) description
Event Code
(EVCODE)
Event Description
0b0000
Entry into Debug Mode
0b0001
Entry into Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com