Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 139 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 139 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 135Page - ATMEL Corporation AVR32AP Datasheet HTML 136Page - ATMEL Corporation AVR32AP Datasheet HTML 137Page - ATMEL Corporation AVR32AP Datasheet HTML 138Page - ATMEL Corporation AVR32AP Datasheet HTML 139Page - ATMEL Corporation AVR32AP Datasheet HTML 140Page - ATMEL Corporation AVR32AP Datasheet HTML 141Page - ATMEL Corporation AVR32AP Datasheet HTML 142Page - ATMEL Corporation AVR32AP Datasheet HTML 143Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 181 page
background image
139
32001A–AVR32–06/06
AVR32
The Event-In pin has been asserted and a debug control register field specifies that EVTI pin
action is to generate data trace synchronization.
An overrun condition had previously occurred in which one or more data trace occurrences were
discarded by the target processor’s debug logic. To inform the tool that an overrun condition
occurred, the target outputs an Error Message (TCODE = 8) with an ECODE value of 00010 or
00111 immediately prior to the Data Trace, Data Read with Sync Message.
The periodic Data Trace Message counter has expired indicating that 255 without-sync versions
of Data Trace Messages have been sent since the last with-sync version.
A data read is detected following the processor exiting from Debug Mode.
9.6.4
Registers
9.6.4.1
Data Trace Control register (DTC)
This register controls actions taken on data accesses within all data trace channels.
Table 9-48.
Data Trace, Data Read with Sync message
Data Trace, Data Read with Sync
message
Direction: From target
Packet
Size
Packet
Name
Packet
Type
Description
8 / 16 /
32
DATA
Variable
The data value read. The size will vary depending on the load /
store instruction being traced.
32
F-ADDR
Variable
The full address of the memory location written. Most significant
bits that have a value of 0 are truncated.
2DSZ
Fixed
Data size:
00 = 8 bits
01 = 16 bits
10 = 32 bits
6
TCODE
Fixed
Value=14
Table 9-49.
Data Trace Control Register
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:30
RWT0
0
RWT0 - Read/Write Trace channel 0
00 = No trace enabled
x1 = Enable data read trace
1x = Enable data write trace
R/W
29:28
RWT1
0
RWT1 - Read/Write Trace channel 1
00 = No trace enabled
x1 = Enable data read trace
1x = Enable data write trace
R
27:20
Reserved
0
R/W
19:12
ASID1
0
ASID to match for channel 1
R/W
11
ASID1EN
0
ASID1EN - ASID 1 enable
R/W
10:3
ASID0
0
ASID to match for channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com