Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 140 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 136Page - ATMEL Corporation AVR32AP Datasheet HTML 137Page - ATMEL Corporation AVR32AP Datasheet HTML 138Page - ATMEL Corporation AVR32AP Datasheet HTML 139Page - ATMEL Corporation AVR32AP Datasheet HTML 140Page - ATMEL Corporation AVR32AP Datasheet HTML 141Page - ATMEL Corporation AVR32AP Datasheet HTML 142Page - ATMEL Corporation AVR32AP Datasheet HTML 143Page - ATMEL Corporation AVR32AP Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 181 page
background image
140
32001A–AVR32–06/06
AVR32
9.6.4.2
Data Trace Start/End Address register (DTSA/DTEA)
DTSAn and DTEAn define the inclusive data access range [DTSAn : DTEAn] for trace channel
n. Each trace channel 0 and 1 has its own DTSA/DTEA register pair. If DTSA=DTEA, the trace
channel will match on accesses to a single location. If DTSA>DTEA, no match will occur for the
trace channel.
DTSA0, DTSA1
DTEA0, DTEA1
9.7
Ownership Trace
9.7.1
Functional description
The AVR32 OCD system implements Ownership Trace in compliance with the Nexus standard.
Ownership trace provides a macroscopic view, such as task flow reconstruction, when debug-
ging software written in a high level (or object oriented) language. It offers the highest level of
abstraction for tracking operating system software execution. This is especially useful when the
developer is not interested in debugging at lower levels.
Ownership trace is especially important for embedded processors with a memory management
unit, in which all processes can use the same virtual program and data spaces. Ownership trace
offers development tools a mechanism to decipher which set of symbolics and sources are
associated for lower levels of visibility and debugging.
Ownership trace information is transmitted out the AUX using an Ownership Trace Message.
OTM facilitates ownership trace by providing visibility of which process ID or operating system
task is activated. An Ownership Trace Message is transmitted to indicate when a new pro-
cess/task is activated, allowing development tools to trace ownership flow. Additionally, an
Ownership Trace Message is also transmitted periodically during runtime at a minimum fre-
quency of every 256 Program Trace or Data Trace Messages.
In the AVR32, this feature is supported through an Ownership Trace Register, which automati-
cally produces an Ownership Trace Message when written to. The RTOS scheduler routine
writes the new process ID to this register during process switching using the mtdr instruction.
The TM[0] bit in the Development Control register must be set to enable ownership trace.
R/W
2
ASID0EN
0
ASID1EN - ASID 0 enable
R/W
1
T1WP
0
T1WP - Trace Channel 1 Watchpoint
R/W
0
T0WP
0
T0WP - Trace Channel 0 Watchpoint
Table 9-49.
Data Trace Control Register
R/W
Bit Number
Field Name
Init. Val.
Description
Table 9-50.
Data Trace Start Address Register
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:0
DTSA
0
DTSA - Start address for trace visibility
Table 9-51.
Data Trace End Address Register
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:0
DTEA
0
DTEA - End address for trace visibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com