Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 142 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 138Page - ATMEL Corporation AVR32AP Datasheet HTML 139Page - ATMEL Corporation AVR32AP Datasheet HTML 140Page - ATMEL Corporation AVR32AP Datasheet HTML 141Page - ATMEL Corporation AVR32AP Datasheet HTML 142Page - ATMEL Corporation AVR32AP Datasheet HTML 143Page - ATMEL Corporation AVR32AP Datasheet HTML 144Page - ATMEL Corporation AVR32AP Datasheet HTML 145Page - ATMEL Corporation AVR32AP Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 181 page
background image
142
32001A–AVR32–06/06
AVR32
9.8.2
Memory (Block) Access
The Memory Block Access is controlled by the registers Read/Write Access Data (RWD),
Read/Write Access Address (RWA), and Read/Write Control/Status (RWCS). The tool accesses
these registers via the JTAG port. A Memory Block Access provides the debug tool with a mech-
anism for a DMA-like access to memory mapped resources. In this document, the terms
Memory Block Access and Memory Access refer to a memory block of any length from one sin-
gle location (CNT = 1), to the full range supported by the OCD system (CNT = 16 383). When
using the maximum size of word, the maximum memory that can be transferred in one block is
thus 64KB.
9.8.2.1
Memory Read Operations
1.
The tool writes RWA with physical address to be read.
2.
The tool configures RWCS Register, including CNT, AC=1, and RW=0 to indicate
(block) read.
3.
The tool must wait until the data is ready from the MIU. If very slow memory is
accessed the tool can check that the DV bit in RWCS is one before reading RWD.
4.
The tool reads RWD. The MIU outputs the data and auto-increments the address.
5.
Step 3 and 4 are repeated until the number of data specified by the CNT field has been
read.
6.
When the entire block has been read AC will be cleared by the MIU. RWA will point to
the last location that was read. If the tool wishes to continue reading from this point
RWCS must be written again.
9.8.2.2
Special cases:
• If the memory read operation results in an error, the ERR bit in RWCS will be set, and the
data in RWD will not be valid (DV=0). AC will also be cleared.
• Any write to RWCS will abort an ongoing block access.
9.8.2.3
Memory Write Operations
1.
The tool writes RWA with the first physical address to be written.
2.
The tool configure the RWCS Register, including CNT, AC=1, and RW=1 to indicate
(block) write.
3.
The tool writes one data value to RWD.
4.
The tool must wait until the MIU is ready to accept more data. This can be done by
reading the ready bit in RWCS or by using the NEXUS-STATUS JTAG command.
5.
Step 3 and 4 are repeated until the number of data specified by the CNT field has been
transmitted.
6.
When the entire block has been read AC will be cleared by the MIU. RWA will point to
the last location that was written. If the tool wishes to continue reading from this point
RWCS must be written again.
9.8.2.4
Special cases:
• If the memory write operation results in an error, the ERR bit in RWCS will be set and DV
cleared. AC will also be cleared.
• Any write to RWCS will abort an ongoing block access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com