Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 134Page - ATMEL Corporation AVR32AP Datasheet HTML 135Page - ATMEL Corporation AVR32AP Datasheet HTML 136Page - ATMEL Corporation AVR32AP Datasheet HTML 137Page - ATMEL Corporation AVR32AP Datasheet HTML 138Page - ATMEL Corporation AVR32AP Datasheet HTML 139Page - ATMEL Corporation AVR32AP Datasheet HTML 140Page - ATMEL Corporation AVR32AP Datasheet HTML 141Page - ATMEL Corporation AVR32AP Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 181 page
background image
138
32001A–AVR32–06/06
AVR32
9.6.3.3
Data Trace, Data Read (DTDR)
This message is output by the target processor when it detects a memory read that matches the
OCD system’s data trace attributes.
9.6.3.4
Data Trace, Data Read with Sync (DTDRS)
This message is an alternative to the Data Trace, Data Read Message. It is output instead of a
Data Trace, Data Read Message whenever a memory read occurs that matches the debug
logic’s data trace attributes, and when one of the following conditions has occurred:
The processor has exited from reset. This synchronization message is required to allow the
unique portion of the data write address of following Data Trace, Data Read Messages to be cor-
rectly interpreted by the tool.
When enabling data trace is during normal execution of the embedded processor.
Upon exit from a power-down state. This synchronization message is required to allow the
unique portion of the data write address of following Data Trace, Data Read Messages to be cor-
rectly interpreted by the tool.
Table 9-46.
Data Trace, Data Write with Sync message
Data Trace, Data Write with Sync
message
Direction: From target
Packet
Size
Packet
Name
Packet
Type
Description
8 / 16 /
32
DATA
Variable
The data value written. The size will vary depending on the load /
store instruction being traced.
32
F-ADDR
Variable
The full address of the memory location written. Most significant
bits that have a value of 0 are truncated.
2DSZ
Fixed
Data size:
00 = 8 bits
01 = 16 bits
10 = 32 bits
6
TCODE
Fixed
Value=13
Table 9-47.
Data Trace, Data Read message
Data Trace, Data Read message
Direction: From target
Packet
Size
Packet
Name
Packet
Type
Description
8 / 16 /
32
DATA
Variable
The data value read. The size will vary depending on the load /
store instruction being traced.
32
U-ADDR
Variable
The unique portion of the data read address, which is relative to
the previous Data Trace Message (read or write).
2DSZ
Fixed
Data size:
00 = 8 bits
01 = 16 bits
10 = 32 bits
6TCODE
Fixed
Value=6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com