Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 141 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 137Page - ATMEL Corporation AVR32AP Datasheet HTML 138Page - ATMEL Corporation AVR32AP Datasheet HTML 139Page - ATMEL Corporation AVR32AP Datasheet HTML 140Page - ATMEL Corporation AVR32AP Datasheet HTML 141Page - ATMEL Corporation AVR32AP Datasheet HTML 142Page - ATMEL Corporation AVR32AP Datasheet HTML 143Page - ATMEL Corporation AVR32AP Datasheet HTML 144Page - ATMEL Corporation AVR32AP Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 181 page
background image
141
32001A–AVR32–06/06
AVR32
9.7.2
Messages
9.7.2.1
Ownership Trace (OT)
• The ownership trace message is sent:
• When the Ownership Trace Process ID (PID) register is written.
• When program trace with sync message is generated due to overflow in the periodic
message counter.
• When a data trace with sync message is generated due to overflow in the periodic message
counter.
• After a Transmit Queue overrun if the CPU has written to PID when the queue was full.
If there is no room in the Transmit Queue for the message, and the CPU is not halted to prevent
overruns, an error message is produced.
9.7.3
Registers
9.7.3.1
Ownership Trace Process ID (PID)
The CPU should write the current Process ID value to this register, whenever the RTOS per-
forms a process switch. This will automatically create an Ownership Trace Message to be
transmitted to the tool. This register can be written from any privileged CPU mode.
The tool can read and write this register, although it is recommended that only the CPU writes
this register.
9.8
Memory Interface
9.8.1
Overview
The Memory Interface provides the debug tool with a mechanism for a DMA-like access to mem-
ory mapped resources both run-time and in Debug Mode. Memory mapped resources include
main memory and memory mapped peripheral modules. Access to registers in peripheral mod-
ules may trigger unintended operation of the module, and the debug tool should generally
include a list of access restrictions for the peripherals. The CPU register file is not memory
mapped, and not accessible through the Memory Interface.
Note that the tool uses physical addresses when accessing memory mapped data through the
Memory Interface, as opposed to Breakpoint/Watchpoints, which use virtual addresses.
Table 9-52.
Ownership Trace Message
Ownership Trace Message
Direction: From target
Packet
Size
Packet
Name
Packet
Type
Description
32
PROCESS
Fixed
Task / process ID.
6
TCODE
Fixed
Value = 2
Table 9-53.
Ownership Trace Process ID (PID)
R/W
Bit Number
Field Name
Init. Val.
Description
RW
31:0
PROCESS
0
PROCESS - Process ID
The unique Process ID number of the currently
running process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com