Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 137 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 133Page - ATMEL Corporation AVR32AP Datasheet HTML 134Page - ATMEL Corporation AVR32AP Datasheet HTML 135Page - ATMEL Corporation AVR32AP Datasheet HTML 136Page - ATMEL Corporation AVR32AP Datasheet HTML 137Page - ATMEL Corporation AVR32AP Datasheet HTML 138Page - ATMEL Corporation AVR32AP Datasheet HTML 139Page - ATMEL Corporation AVR32AP Datasheet HTML 140Page - ATMEL Corporation AVR32AP Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 181 page
background image
137
32001A–AVR32–06/06
AVR32
9.6.3.1
Data Trace, Data Write (DTDW)
This message is output by the target processor when it detects a memory write that matches the
OCD system’s data trace attributes.
9.6.3.2
Data Trace, Data Write with Sync (DTDWS)
This message is an alternative to the Data Trace, Data Write Message. It is output instead of a
Data Trace, Data Write Message whenever a memory write occurs that matches the debug
logic’s data trace attributes, and when one of the following conditions has occurred:
1.
The processor has exited from reset. This synchronization message is required to allow
the unique portion of the data write address of following Data Trace, Data Write Mes-
sages to be correctly interpreted by the tool.
2.
When data trace is enabled during normal execution of the embedded processor.
3.
Upon exit from a power-down state. This synchronization message is required to allow
the unique portion of the data write address of following Data Trace, Data Write Mes-
sages to be correctly interpreted by the tool.
4.
The Event-In pin has been asserted and a debug control register field specifies that
EVTI pin action is to generate data trace synchronization.
5.
An overrun condition had previously occurred in which one or more data trace occur-
rences were discarded by the target processor’s debug logic. To inform the tool that an
overrun condition occurred,the target outputs an Error Message (TCODE = 8) with an
ECODE value of 00010 or 00111 immediately prior to the Data Trace, Data Write with
Sync Message.
6.
The Data Trace Message counter has expired indicating that at most 256 without-sync
versions of Data Trace Messages have been sent since the last with-sync version.
7.
A data write is detected following the processor exiting from Debug Mode.
Table 9-45.
Data Trace, Data Write message
Data Trace, Data Write message
Direction: From target
Packet
Size
Packet
Name
Packet
Type
Description
8 / 16 /
32
DATA
Variable
The data value written. The size will vary depending on the load
/ store instruction being traced.
32
U-ADDR
Variable
The unique portion of the data write address, which is relative to
the previous Data Trace Message (read or write).
2DSZ
Fixed
Data size:
00 = 8 bits
01 = 16 bits
10 = 32 bits
6
TCODE
Fixed
Value=5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com