Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 128 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 128 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 124Page - ATMEL Corporation AVR32AP Datasheet HTML 125Page - ATMEL Corporation AVR32AP Datasheet HTML 126Page - ATMEL Corporation AVR32AP Datasheet HTML 127Page - ATMEL Corporation AVR32AP Datasheet HTML 128Page - ATMEL Corporation AVR32AP Datasheet HTML 129Page - ATMEL Corporation AVR32AP Datasheet HTML 130Page - ATMEL Corporation AVR32AP Datasheet HTML 131Page - ATMEL Corporation AVR32AP Datasheet HTML 132Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 181 page
background image
128
32001A–AVR32–06/06
AVR32
9.4.6.6
Data Breakpoint / Watchpoint Control (BWC3A, BWC3B)
Table 9-31.
Data Breakpoint / Watchpoint Control (BWC3x)
R/W
Bit Number
Field Name
Init. Val.
Description
RW
31:30
BWE
00
BWE - Breakpoint / Watchpoint Enable
00 = Disabled
01 = Breakpoint enabled
10 = Reserved
11 = Watchpoint enabled
RW
29:28
BRW
00
BRW - Breakpoint/Watchpoint Read/Write
Select
00 = Break on read access
01 = Break on write access
10 = Break on any access
11 = Reserved
R
27:24
Reserved
00
Reserved
RW
23:20
BME
0x0
BME - Breakpoint/Watchpoint Data Mask
1XXX = Mask bits 31:24 in BWD
X1XX = Mask bits 23:16 in BWD
XX1X = Mask bits 15:8 in BWD
XXX1 = Mask bits 7:0 in BWD
R
19:18
Reserved
00
Reserved
RW
17:16
BWO
000
BWO - Breakpoint/Watchpoint Operand
1X = Compare with BWA value
X1 = Compare with BWD value
R
15:12
Reserved
0
Reserved
R/W
11:9
SIZE
000
SIZE - Size bits to match
0xx = Disregard access size (Default)
100 = Byte access
101 = Halfword access
110 = Word access
111 = Reserved
RW
8:1
ASID
0x00
ASID - Asid to match
The 8 bit ASID to match when ASID matching
is enabled.
RW
0
ASIDEN
0
ASIDEN - ASID match enable
0 = Disabled.
1 = Enabled. The breakpoint module will only
give a match if the ASID also matches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com