Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 124 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 120Page - ATMEL Corporation AVR32AP Datasheet HTML 121Page - ATMEL Corporation AVR32AP Datasheet HTML 122Page - ATMEL Corporation AVR32AP Datasheet HTML 123Page - ATMEL Corporation AVR32AP Datasheet HTML 124Page - ATMEL Corporation AVR32AP Datasheet HTML 125Page - ATMEL Corporation AVR32AP Datasheet HTML 126Page - ATMEL Corporation AVR32AP Datasheet HTML 127Page - ATMEL Corporation AVR32AP Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 181 page
background image
124
32001A–AVR32–06/06
AVR32
Figure 9-10. Data breakpoint alignment.
9.4.2.5
Unaligned accesses
The CPU supports unaligned accesses by breaking the operation down into multiple aligned
accesses. This means that one ld/st instruction from the CPU can be seen as many sequential
operations on the databus, depending on the alignment of the data to be accessed:
• Unaligned double word load / store is seen as a sequence of word loads / stores.
• Unaligned store word is seen as a sequence of stores which may have different sizes. Eg
st.b , st.h, st.b for byte aligned st.w
• Unaligned load word is always done as two load words.
9.4.3
Advanced features
9.4.3.1
Ranges
It is possible to compine both data breakpoint modules to break on a range of data addresses.
Range is enabled using the EPC3 register. Whenever a data breakpoint range is used data
value matching should be disabled.
The debugger can set up an event pair to give a breakpoint or watchpoint on a range of instruc-
tion addresses. The event pair will then configure the A and B address comparator to give a
match if the instruction address is less than or equal to the BWA. Using the Range (RNG) bits of
the Event Pair Control (EPC) register either inclusive or exclusive ranges can then be set up as
shown in Table 9-23.
When ranges are enabled, the BWC:BWE of module A will control the ranged breakpoint, mod-
ule B will be disabled.
9.4.4
Triggering trace
A watchpoint from the program or data breakpoint modules can be used to start or stop program
or data trace. This is done using a trigger unit. The trigger unit can be configured using the
watchpoint trigger register. When the trigger unit is set to start trace upon a watchpoint, DC:TM
will be set accordingly, and trace will then be enabled. If a data watchpoint enables data trace,
the data event is not included in the data trace output, while an event which disables data trace
is included in the data trace output.
Data Breakpoint Module B
Data Breakpoint Module A
Doublew ord
Word
Byte 0
Byte 3
Byte 2
Byte 1
Halfw ord 0
Halfw ord 1
MSB
LSB
LSB
MSB
Data Breakpoint Module
LSB
MSB
0x800C
0x8010
Table 9-23.
Range settings.
EPC3: RNG
Resulting Range
10
BWA3A < ADDR <= BWA3B
01
ADDR <= BWA3A or ADDR > BWA3B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com