Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 127 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 123Page - ATMEL Corporation AVR32AP Datasheet HTML 124Page - ATMEL Corporation AVR32AP Datasheet HTML 125Page - ATMEL Corporation AVR32AP Datasheet HTML 126Page - ATMEL Corporation AVR32AP Datasheet HTML 127Page - ATMEL Corporation AVR32AP Datasheet HTML 128Page - ATMEL Corporation AVR32AP Datasheet HTML 129Page - ATMEL Corporation AVR32AP Datasheet HTML 130Page - ATMEL Corporation AVR32AP Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 181 page
background image
127
32001A–AVR32–06/06
AVR32
9.4.6.3
Event Pair Control 3 (EPC3)
9.4.6.4
Data Breakpoint / Watchpoint Address (BWA3A, BWA3B)
9.4.6.5
Data Breakpoint / Watchpoint Data (BWD3A, BWD3B)
Table 9-28.
Data Event Pair Control (EPC3) Register
R/W
Bit Number
Field Name
Init. Val.
Description
R
31:3
-
Reserved
RW
2
DWE
0
DWE - Enable combined Double Word value
compare
0 = Disabled (Default)
1= Combine two event units to do 64 bit
compare
If enabled both data breakpoint modules units
will be combined to do a single 64 bit value
compare
RW
1:0
RNG
0b00
RNG - Range Enable
00: disabled
01: Exclusive range (PC <= Even or PC >
Odd)
10: Inclusive range (Even < PC <= Odd)
11: Reserved
Table 9-29.
Data Breakpoint/Watchpoint address (BWA3x) register
R/W
Bit Number
Field Name
Init. Val.
Description
RW
31:0
BWA
0x00000000
Address of data for breakpoint or watchpoint
generation.
Table 9-30.
Data Breakpoint/Watchpoint data (BWD3x) register
R/W
Bit Number
Field Name
Init. Val.
Description
RW
31:0
BWD
0x00000000
Data value for breakpoint or watchpoint
generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com