Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors CLRC663 Datasheet HTML 18Page - NXP Semiconductors CLRC663 Datasheet HTML 19Page - NXP Semiconductors CLRC663 Datasheet HTML 20Page - NXP Semiconductors CLRC663 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
001aam270
UNMODULATED (SUB)
CARRIER
Start of Frame (SOF)
sequence
9.44 µs
''0'' ''0'' ''0'' ''0'' ''0'' ''0'' ''0'' ''0'' ''0'' ''0''
''1'' ''1''
DATA
LAST CHARACTER
UNMODULATED (SUB)
CARRIER
End of Frame (EOF)
sequence
9.44 µs
''0'' ''0'' ''0'' ''0'' ''0'' ''0'' ''0'' ''0'' ''0'' ''0''
Figure 8. SOF and EOF according to ISO/IEC 14443 B
8.3.3 FeliCa functionality
The FeliCa mode is the general reader/writer to card communication scheme according to the FeliCa
specification. The communication on a physical level is shown in the following figure:
001aam271
FeliCa READER
(PCD)
FeliCa CARD
(PICC)
1. PCD to PICC 8-30 % ASK
Manchester Coded,
baudrate 212 to 424 kbaud
2. PICC to PCD, > Load modulation
Manchester Coded,
baudrate 212 to 424 kbaud
Figure 9. FeliCa read/write communication diagram
The physical parameters are described in the following table:
Transfer speed FeliCa
FeliCa higher transfer
speeds
Communication direction
Signal type
212 kbit/s
424 kbit/s
reader side
modulation
8 % to 30 % ASK
8 % to 30 % ASK
bit encoding
Manchester encoding
Manchester encoding
Reader to card (send data from
the CLRC663 to a card)
fc = 13.56 MHz
bit rate
fc/64
fc/32
card side load
modulation
Load modulation
Load modulation
Card to reader (CLRC663
receives data from a card)
bit encoding
Manchester encoding
Manchester encoding
Table 9. Communication overview for FeliCa reader/writer
The CLRC663 needs to be connected to a dedicated host to be able to support the complete FeliCa protocol.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
17 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com