Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
9.7.2.2 T0ReloadLo
Low byte reload value of the Timer0.
Bit
7
6
5
4
3
2
1
0
Symbol
T0ReloadLo
Access
rights
r/w
Table 85. T0ReloadLo register (address 11h);
Bit
Symbol
Description
7 to0
T0ReloadLo
Defines the low byte of the reload value of the timer. With the start event, the timer loads
the value of the T0ReloadValHi, T0ReloadValLo. Changing this register affects the timer
only at the next start event.
Table 86. T0ReloadLo bits
9.7.2.3 T0CounterValHi
High byte of the counter value of Timer0.
Bit
7
6
5
4
3
2
1
0
Symbol
T0CounterValHi
Access
rights
dy
Table 87. T0CounterValHi register (address 12h)
Bit
Symbol
Description
7to0
T0Counter
ValHi
High byte value of the Timer0.
This value shall not be read out during reception.
Table 88. T0CounterValHi bits
9.7.2.4 T0CounterValLo
Low byte of the counter value of Timer0.
Bit
7
6
5
4
3
2
1
0
Symbol
T0CounterValLo
Access
rights
dy
Table 89. T0CounterValLo register (address 13h)
Bit
Symbol
Description
7 to 0
T0CounterValLo
Low byte value of the Timer0.
Table 90. T0CounterValLo bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
74 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com