Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
fout = 13.56 MHz × PLLDiv_FB /PLLDiv_Out
Frequency [MHz]
4
6
8
10
12
20
24
1.8432
3.6864
PLLDiv_FB
23
27
23
28
23
28
23
28
28
PLLDiv_Out
78
61
39
38
26
19
16
206
103
accuracy [%]
0.04
0.03
0.04
0.08
0.04
0.08
0.04
0.01
0.01
Table 45. Divider values for selected frequencies using the integerN PLL
8.8.3 Low Frequency Oscillator (LFO)
The CLRC663 family implements an Low-Frequency Oscillator (LFO). Timer T4 can be configured to use a
clock generated by this LFO as input clock, and can be configured as wakeup counter. As wakeup counter, the
timer T4 allows to wake up the system in regular time intervals which allows to design a reader that is regularly
polling for card presence or implements a low-power card detection (LPCD).
The LFO is trimmed during chip production to run at 16 kHz. Unless a high accuracy of the LFO is required by
the application, and the device is operated in an environment with changing ambient temperatures, trimming of
the LFO is not required. For a typical application making use of the LFO for wake-up from power saving mode,
the trim value set during production can be used.
Optional trimming to achieve a higher accuracy of the 16 kHz LFO clock is supported by a digital state machine
which compares LFO-clock to a reference clock generated by the connected 27.12Mhz crystal. As reference
clock frequency for trimming of the LFO, a 13.56 MHz clock (27.12Mhz divided by 2 ) input clock to one of the
timers T0,T1,T2 or T3 is used.
One of the timers T0,T1,T2,T3 with an input clock of 13,56 MHz crystal clock is used to count one clock period
of the LFO. For an LFO Clock running at 16KHz this would result in 848 wakeup timer clocks of timer Tx (T0,
T1, T2, T3). Therefrore, the timer count value Tx at the end of a trimming cycle is expected to be 176 (wakeup
timer is counting down: 1023-848=175, +/- 1 tolerance is accepted). The trim cycle is executed once in the
T4 timer cycle. Therefore the T4 autoload value shall be bigger than 0x05 to ensure that one trimming cycle
takes place before T4 expires. The Tx timer value is reloaded to 1023 during the start of an Auto trim cycle. This
happens every time, once after the T4 timer underflows.
At the end of each trim cycle, the timer value is checked:
• Timer Tx value < 174: LFO Frequency is too low and the trim value is incremented by 1 on T4 Timer event
• Timer Tx value > 176: LFO Frequency is too high and the trim value is decremented by 1 on T4 Timer event
• Timer Tx value is within 174 and 176: LFO Frequency = 16 KHz and trimming procedure is stopped
The cycle proceeds until the autotrimm function is stopped (Timer Tx value is within 174 and 176).
In addition, the trimming cycle can be aborted by sending an IDLE Command from the host to cancel the current
command execution. T3 is not allowed to be used in case T4AutoLPCD is set in parallel. It is not required to
configure a TXStart condition with underflow. The T0/1/2/3 timer will typically not underflow. It may happen if the
LPO clock is very slow, but it is not required to take an action to generate this event.
8.9 Power management
8.9.1 Supply concept
The CLRC663 is supplied by VDD (Supply Voltage), PVDD (Pad Supply) and TVDD (Transmitter Power Supply).
These three voltages are independent from each other.
To connect the CLRC663 to a Microcontroller supplied by 3.3 V, PVDD and VDD shall be at a level of 3.3 V,
TVDD can be in a range from 3.3 V to 5.0 V. A higher supply voltage at TVDD results in a higher field strength.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
51 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com