Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 46Page - NXP Semiconductors CLRC663 Datasheet HTML 47Page - NXP Semiconductors CLRC663 Datasheet HTML 48Page - NXP Semiconductors CLRC663 Datasheet HTML 49Page - NXP Semiconductors CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Address 0 (8)
1 (9)
2 (A)
3 (B)
4 (C)
5 (D)
6 (E)
7 (F)
98
0x02
0x00
0x00
0x01
0x00
0x08
0x08
0xB2
Table 43. Register reset values (Hex.)(Page1 and page 2)...continued
8.8 Clock generation
8.8.1 Crystal oscillator
The clock applied to the CLRC663 acts as time basis for generation of the carrier sent out at TX and for the
quadrature mixer I and Q clock generation as well as for the coder and decoder of the synchronous system.
Therefore stability of the clock frequency is an important factor for proper performance. To obtain highest
performance, clock jitter has to be as small as possible. This is best achieved by using the internal oscillator
buffer with the recommended circuitry.
001aam308
27.12 MHz
XTAL1 XTAL2
READER IC
Figure 32. Crystal connection
Symbol
Parameter
Conditions
Min
Typ
max
Unit
fxtal
crystal frequency
-
27.12
-
MHz
Δfxtal/fxtal
relative crystal frequency
variation
-250
-
+250
ppm
ESR
equivalent series resistance
-
50
100
Ω
CL
load capacitance
-
10
-
pF
Pxtal
crystal power dissipation
-
50
100
μW
Table 44. Crystal requirements recommendations
8.8.2 IntegerN PLL clock line
The CLRC663 is able to provide a clock with configurable frequency at CLKOUT from 1 MHz to 24 MHz
(PLL_Ctrl and PLL_DIV). There it can serve as a clock source to a microcontroller which avoids the need of
a second crystal oscillator in the reader system. Clock source for the IntegerN-PLL is the 27.12 MHz crystal
oscillator.
Two dividers are determining the output frequency. First a feedback integer-N divider configures the VCO
frequency to be N × fin/2 (control signal pll_set_divfb). As supported Feedback Divider Ratios are 23, 27 and
28, VCO frequencies can be 23 × fin / 2 (312 MHz), 27 × fin / 2 (366 MHz) and 28 × fin / 2 (380 MHz).
The VCO frequency is divided by a factor which is defined by the output divider (pll_set_divout). The following
table shows the accuracy achieved for various frequencies (integer multiples of 1 MHz and some typical RS232
frequencies) and the divider ratios to be used. The register bit ClkOutEn enables the clock at CLKOUT pin.
The following formula can be used to calculate the output frequency:
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
50 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com