Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors CLRC663 Datasheet HTML 60Page - NXP Semiconductors CLRC663 Datasheet HTML 61Page - NXP Semiconductors CLRC663 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Protocol Number
(decimal)
Protocol
Transmitter speed
[kbits/s]
Transmitter Coding
08
FeliCa
212
Manchester
09
FeliCa
424
Manchester
10
ISO/IEC15693
26
1/4
11
ISO/IEC15693
26
1/4
12
ISO/IEC15693
1,66
1/256
13
EPC/UID
53
Unitray
14
ISO/IEC 18000-3 mode 3/
EPC Class-1 HF
-
based on Tari value, ASK,
PIE
15
ISO/IEC 18000-3 mode 3/
EPC Class-1 HF
-
based on Tari value, ASK,
PIE
16
ISO/IEC 18000-3 mode 3/
EPC Class-1 HF
-
based on Tari value, ASK,
PIE
17
ISO/IEC 18000-3 mode 3/
EPC Class-1 HF
-
based on Tari value, ASK,
PIE
18
Jewel
-
-
Table 48. Predefined protocol overview TX[1]...continued
[1]
For more protocol details, please refer to Section 8.
8.10.3.14 LoadKeyE2 command
Command (0Eh), Parameter1 (key number);
Loads a MIFARE Classic key for authentication from the EEPROM into the crypto 1 unit.
Abort condition: Insufficient parameter in FIFO; KeyNr is outside the MIFARE Classic key area.
8.10.3.15 StoreKeyE2 command
Command (0Fh), Parameter1 (KeyNr), Parameter2(keybyte1), Parameter3(keybyte2), Parameter4(keybyte3),
Parameter5(keybyte4), Parameter6(keybyte5), Parameter7 (keybyte6);
Stores MIFARE Classic keys into the EEPROM. The key number parameter indicates the first key (n) in the
MKA that will be written. If more than one MIFARE Classic key is available in the FIFO then the next key (n+1)
will be written until the FIFO is empty. If an incomplete key (less than 6 bytes) is written into the FIFO, this key
will be ignored and will remain in the FIFO.
Abort condition: Insufficient parameter in FIFO; KeyNr is outside the MKA;
8.10.3.16 GetRNR command
Command (1Ch);
This command is reading Random Numbers from the random number generator of the CLRC663. The Random
Numbers are copied to the FIFO until the FIFO is full.
8.10.3.17 SoftReset command
Command (1Fh);
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
58 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com