Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 19Page - NXP Semiconductors CLRC663 Datasheet HTML 20Page - NXP Semiconductors CLRC663 Datasheet HTML 21Page - NXP Semiconductors CLRC663 Datasheet HTML 22Page - NXP Semiconductors CLRC663 Datasheet HTML 23Page - NXP Semiconductors CLRC663 Datasheet HTML 24Page - NXP Semiconductors CLRC663 Datasheet HTML 25Page - NXP Semiconductors CLRC663 Datasheet HTML 26Page - NXP Semiconductors CLRC663 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
8.4.2.2 Read data
To read out data from the CLRC663 by using the SPI compatible interface, the following byte order has to be
used.
The first byte that is sent defines the mode (LSB bit) and the address.
byte 0
byte 1
byte 2
byte 3 to n-1
byte n
byte n+1
MOSI
address 0
address 1
address 2
……..
address n
00h
MISO
X
data 0
data 1
……..
data n - 1
data n
Table 17. Byte Order for MOSI and MISO
Remark: The Most Significant Bit (MSB) has to be sent first.
8.4.2.3 Write data
To write data to the CLRC663 using the SPI interface, the following byte order has to be used. It is possible to
write more than one byte by sending a single address byte (see.8.5.2.4).
The first send byte defines both, the mode itself and the address byte.
byte 0
byte 1
byte 2
3 to n-1
byte n
byte n + 1
MOSI
address 0
data 0
data 1
……..
data n - 1
data n
MISO
X
X
X
……..
X
X
Table 18. Byte Order for MOSI and MISO
Remark: The Most Significant Bit (MSB) has to be sent first.
8.4.2.4 Address byte
The address byte has to fulfill the following format:
The LSB bit of the first byte defines the used mode. To read data from the CLRC663, the LSB bit is set to logic
1. To write data to the CLRC663, the LSB bit has to be cleared. The bits 6 to 0 define the address byte.
NOTE: When writing the sequence [address byte][data0][data1][data2]..., [data0] is written to address [address
byte], [data1] is written to address [address byte + 1] and [data2] is written to [address byte + 2].
Exception: This auto increment of the address byte is not performed if data is written to the FIFO address
7
6
5
4
3
2
1
0
address 6
address 5
address 4
address 3
address 2
address 1
address 0
1 (read)
0 (write)
MSB
LSB
Table 19. Address byte 0 register; address MOSI
8.4.2.5 Timing Specification SPI
The timing condition for SPI interface is as follows:
Symbol
Parameter
Min
Typ
Max
Unit
tSCKL
SCK LOW time
50
-
-
ns
Table 20. Timing conditions SPI
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
23 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com