| Electronic Components Datasheet Search |
|
CLRC663 Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC663 Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 177 page ![]() NXP Semiconductors CLRC663 High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus 8.4 Host interfaces 8.4.1 Host interface configuration The CLRC663 supports direct interfacing of various hosts as the SPI, I2C, I2CL and serial UART interface type. The CLRC663 resets its interface and checks the current host interface type automatically having performed a power-up or resuming from power down. The CLRC663 identifies the host interface by the means of the logic levels on the control pins after the Cold Reset Phase. This is done by a combination of fixed pin connections.The following table shows the possible configurations defined by IFSEL1,IFSEL0: Pin Pin Symbol UART SPI I2C I2C-L 28 IF0 RX MOSI ADR1 ADR1 29 IF1 n.c. SCK SCL SCL 30 IF2 TX MISO ADR2 SDA 31 IF3 PAD_VDD NSS SDA ADR2 26 IFSEL0 VSS VSS PAD_VDD PAD_VDD 27 IFSEL1 VSS PAD_VDD VSS PAD_VDD Table 16. Connection scheme for detecting the different interface types 8.4.2 SPI interface 8.4.2.1 General 001aal998 READER IC IF1 SCK IF0 MOSI IF2 MISO IF3 NSS Figure 12. Connection to host with SPI The CLRC663 acts as a slave during the SPI communication. The SPI clock SCK has to be generated by the master. Data communication from the master to the slave uses the Line MOSI. Line MISO is used to send data back from the CLRC663 to the master. A serial peripheral interface (SPI compatible) is supported to enable high-speed communication to a host. The implemented SPI compatible interface is according to a standard SPI interface. The SPI compatible interface can handle data speed of up to 10 Mbit/s. In the communication with a host, CLRC663 acts as a slave receiving data from the external host for register settings and to send and receive data relevant for the communication on the RF interface. NSS (Not Slave Select) enables or disables the SPI interface. When NSS is logical high, the interface is disabled and reset. Between every SPI command, the NSS must go to logical high to be able to start the next command read or write. On both data lines (MOSI, MISO) each data byte is sent by MSB first. Data on MOSI line shall be stable on rising edge of the clock line (SCK) and is allowed to change on falling edge. The same is valid for the MISO line. Data is provided by the CLRC663 on the falling edge and is stable on the rising edge.The polarity of the clock is low at SPI idle. CLRC663 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 5.3 — 3 January 2024 22 / 177 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |