Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 50Page - NXP Semiconductors CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Command
No.
Parameter (bytes)
Short description
AckReq
04h
-
performs a query, an Ack and a Req-Rn for ISO/IEC
18000-3 mode 3/ EPC Class-1 HF
Receive
05h
-
activates the receive circuit
Transmit
06h
bytes to send: byte1, byte2,....
transmits data from the FIFO buffer
Transceive
07h
bytes to send: byte1, byte2,....
transmits data from the FIFO buffer and automatically
activates the receiver after transmission finished
WriteE2
08h
addressH, addressL, data;
gets one byte from FIFO buffer and writes it to the
internal EEPROM
WriteE2Page
09h
(page Address), data0, [data1 ..
data63];
gets up to 64 bytes (one EEPROM page) from the FIFO
buffer and writes it to the EEPROM
ReadE2
0Ah
addressH, address L, length;
reads data from the EEPROM and copies it into the
FIFO buffer
LoadReg
0Ch
(EEPROM addressH), (EEPROM
addressL), RegAdr, (number of
Register to be copied);
reads data from the internal EEPROM and initializes
the CLRC663 registers. EEPROM address needs to be
within EEPROM sector 2
LoadProtocol
0Dh
(Protocol number RX), (Protocol
number TX);
reads data from the internal EEPROM and initializes the
CLRC663 registers needed for a Protocol change
LoadKeyE2
0Eh
KeyNr;
copies a key from the EEPROM into the key buffer
StoreKeyE2
0Fh
KeyNr, byte1,byte2, byte3, byte4,
byte5,byte6;
stores a MIFARE Classic key (size of 6 bytes) into the
EEPROM
ReadRNR
1Ch
-
Copies bytes from the Random Number generator into
the FIFO until the FiFo is full
Soft Reset
1Fh
-
resets the CLRC663
Table 46. Command set...continued
8.10.3 Command functionality
8.10.3.1 Idle command
Command (00h);
This command indicates that the CLRC663 is in idle mode. This command is also used to terminate the actual
command.
8.10.3.2 LPCD command
Command (01h);
This command performs a low-power card detection and/or an automatic trimming of the LFO. After wake-up
from standby, the values of the sampled I and Q channels are compared with the min/max threshold values
in the registers. If it exceeds the limits, an LPCD_IRQ will be raised. After the LPCD command the standby is
activated, if selected.
8.10.3.3 Load key command
Command (02h), Parameter1 (key byte1),..., Parameter6 (key byte6);
Loads a MIFARE Classic key (6 bytes) for Authentication from the FIFO into the crypto-unit.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
54 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com