Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 21Page - NXP Semiconductors CLRC663 Datasheet HTML 22Page - NXP Semiconductors CLRC663 Datasheet HTML 23Page - NXP Semiconductors CLRC663 Datasheet HTML 24Page - NXP Semiconductors CLRC663 Datasheet HTML 25Page - NXP Semiconductors CLRC663 Datasheet HTML 26Page - NXP Semiconductors CLRC663 Datasheet HTML 27Page - NXP Semiconductors CLRC663 Datasheet HTML 28Page - NXP Semiconductors CLRC663 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
range BR_T1
1 to 32
33 to 64
33 to 64
33 to 64
33 to 64
33 to 64
33 to 64
33 to 64
Table 21. Settings of BR_T0 and BR_T1...continued
Serial SpeedReg
Transfer speed (kbit/s)
(Hex.)
Transfer speed accuracy (%)
7.2
FA
-0.25
9.6
EB
0.32
14.4
DA
-0.25
19.2
CB
0.32
38.4
AB
0.32
57.6
9A
-0.25
115.2
7A
-0.25
128
74
-0.06
230.4
5A
-0.25
460.8
3A
-0.25
921.6
1C
1.45
1228.8
15
0.32
Table 22. Selectable transfer speeds
The selectable transfer speeds as shown are calculated according to the following formulas:
if BR_T0 = 0: transfer speed = 27.12 MHz / (BR_T1 + 1)
if BR_T0 > 0: transfer speed = 27.12 MHz / (BR_T1 + 33)/2(BR_T0 - 1)
Remark: Transfer speeds above 1228.8 kBits/s are not supported.
8.4.3.2 Framing
Bit
Length
Value
Start bit (Sa)
1 bit
0
Data bits
8 bit
Data
Stop bit (So)
1 bit
1
Table 23. UART framing
Remark: For data and address bytes, the LSB bit has to be sent first. No parity bit is used during transmission.
Read data: To read out data using the UART interface, the flow described below has to be used. The first send
byte defines both the mode itself and the address. The Trigger on pin IF3 has to be set, otherwise no read of
data is possible.
Mode
byte 0
byte 1
RX
address
-
TX
-
data 0
Table 24. Byte Order to Read Data
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
25 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com