Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors CLRC663 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
8.10.3.8 Transceive command
Command (07h); data to transmit
This command transmits data from FIFO buffer and automatically activates the receiver after a transmission is
finished.
Each transmission process starts by writing the command into CommandReg.
Remark: If the bit RxMultiple in register RxModeReg is set to logic 1, this command will never leave the
receiving state, because the receiving will not be cancelled automatically.
8.10.3.9 WriteE2 command
Command (08h), Parameter1 (addressH), Parameter2 (addressL), Parameter3 (data);
This command writes one byte into the EEPROM. If the FIFO contains no data, the command will wait until the
data is available.
Abort condition: Address-parameter outside of allowed range 0x00 – 0x7F.
8.10.3.10 WriteE2PAGE command
Command (09h), Parameter1 (page address), Parameter2..65 (data0, data1...data63);
This command writes up to 64 bytes into the EEPROM. The addresses are not allowed to wrap over a page
border. If this is the case, this additional data be ignored and stays in the fifo. The programming starts after 64
bytes are read from the FIFO or the FIFO is empty.
Abort condition: Insufficient parameters in FIFO; Page address parameter outside of range 0x00 – 0x7F.
8.10.3.11 ReadE2 command
Command (0Ah), Parameter1 (addressH), Parameter2 (addressL), Parameter3 (length);
Reads up to 256 bytes from the EEPROM to the FIFO. If a read operation exceeds the address 1FFFh, the read
operation continues from address 0000h.
Abort condition: Insufficient parameter in FIFO; Address parameter outside of range.
8.10.3.12 LoadReg command
Command (0Ch), Parameter1 (EEPROM addressH),Parameter2 (EEPROM addressL), Parameter3 (RegAdr),
Parameter4 (number);
Read a defined number of bytes from the EEPROM and copies the value into the Register set, beginning at the
given address RegAdr.
Abort condition: Insufficient parameter in FIFO; Address parameter outside of range.
8.10.3.13 LoadProtocol command
Command (0Dh), Parameter1 (Protocol number RX), Parameter2 (Protocol number TX);
Reads out the EEPROM Register Set Protocol Area and overwrites the content of the Rx- and Tx- related
registers. These registers are important for a Protocol selection.
Abort condition: Insufficient parameter in FIFO
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
56 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com