Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 96Page - NXP Semiconductors CLRC663 Datasheet HTML 97Page - NXP Semiconductors CLRC663 Datasheet HTML 98Page - NXP Semiconductors CLRC663 Datasheet HTML 99Page - NXP Semiconductors CLRC663 Datasheet HTML 100Page - NXP Semiconductors CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
5
IFSEL1_EN / OUT5
Enables the output functionality of the IFSEL1 (pin 27). The pin is then used
as output.
4
IFSEL0_EN / OUT4
Enables the output functionality of the IFSEL0 (pin 26). The pin is then used
as output.
3
TCK_EN / OUT3
Enables the output functionality of the TCK (pin 4) of the boundary scan
interface. The pin is then used as output. If the boundary scan is activated in
EEPROM, this bit has no function.
2
TMS_EN / OUT2
Enables the output functionality of the TMS (pin 2) of the boundary scan
interface. The pin is then used as output. If the boundary scan is activated in
EEPROM, this bit has no function.
1
TDI_EN / OUT1
Enables the output functionality of the TDI (pin 1) of the boundary scan
interface. The pin is then used as output. If the boundary scan is activated in
EEPROM, this bit has no function.
0
TDO_EN / OUT0
Enables the output functionality of the TDO(pin 3) of the boundary scan
interface. The pin is then used as output. If the boundary scan is activated in
EEPROM, this bit has no function.
Table 194. PadEn bits...continued
9.15.2 PadOut
Bit
7
6
5
4
3
2
1
0
Symbol SIGIN_OUT CLKOUT_OUT IFSEL1_OUT IFSEL0_OUT TCK_OUT TMS_OUT TDI_OUT TDO_OUT
Access
rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Table 195. PadOut register (address 45h)
Bit
Symbol
Description
7
SIGIN_OUT
Output buffer of the SIGIN pin
6
CLKOUT_OUT
Output buffer of the CLKOUT pin
5
IFSEL1_OUT
Output buffer of the IFSEL1 pin
4
IFSEL0_OUT
Output buffer of the IFSEL0 pin
3
TCK_OUT
Output buffer of the TCK pin
2
TMS_OUT
Output buffer of the TMS pin
1
TDI_OUT
Output buffer of the TDI pin
0
TDO_OUT
Output buffer of the TDO pin
Table 196. PadOut bits
9.15.3 PadIn
Bit
7
6
5
4
3
2
1
0
Symbol
SIGIN_IN CLKOUT_IN IFSEL1_IN
IFSEL0_IN
TCK_IN
TMS_IN
TDI_IN
TDO_IN
Table 197. PadIn register (address 46h)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
100 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com