Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 98Page - NXP Semiconductors CLRC663 Datasheet HTML 99Page - NXP Semiconductors CLRC663 Datasheet HTML 100Page - NXP Semiconductors CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
9.16 Protocol configuration registers
9.16.1 TxBitMod
Bit
7
6
5
4
3
2
1
0
Symbol
TxMSBFirst
RFU
TxParity
Type
RFU
TxStopBitType
RFU
TxStartBitType
TxStartBitEn
Access
rights
r/w
-
r/w
-
r/w
-
r/w
r/w
Table 201. TxBitMod register (address 48h)
Bit
Symbol
Description
7
TxMSBFirst
If set, data is interpreted MSB first for data transmission. If cleared, data is interpreted
LSB first.
6
RFU
-
5
TxParityType
Defines the type of the parity bit. If set to 1, odd parity is calculated, otherwise even
parity is calculated.
4
RFU
-
3
TxStopBitType
Defines the type of the stop-bit (0b: logic zero / 1b: logic one).
2
RFU
-
1
TxStartBitType
Defines the type of the start-bit (0b: logic zero / 1b: logic one).
0
TxStartBitEn
If set to 1, a start-bit will be sent.
Table 202. TxBitMod bits
9.16.2 TxDataCon
Bit
7
6
5
4
3
2
1
0
Symbol
DCodeType
DSCFreq
DBFreq
Access
rights
r/w
r/w
r/w
Table 203. TxDataCon (address 4Ah)
Bit
Symbol
Description
7 to 4
DCodeType
Specifies the type of encoding of data to be used:
0h - no special coding
1h - collider datastream is decoded
2h - RFU 3h - RFU
4h - return to zero code - pulse at first position
5h - return to zero code - pulse at 2nd position
6h - return to zero code - pulse at 3rd position
7h - return to zero code - pulse at 4th position
8h - 1 out of 4 coding
Table 204. TxDataCon bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
102 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com