Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors CLRC663 Datasheet HTML 108Page - NXP Semiconductors CLRC663 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
100b ... 106 kHz
101b ... 212 kHz
110b ... 424 kHz
111b ... 848 kHz
Table 208. TxSymFreq bits...continued
9.16.5 TxSym0
The two Registers TxSym0_H and TxSym0_L create a 16-bit register that contains the pattern for Symbol0.
Bit
7
6
5
4
3
2
1
0
Symbol
Symbol0_H
Access
rights
r/w
Table 209. TxSym0_H (address 4Dh)
Bit
Symbol
Description
7 to 0
Symbol0_H
Higher 8 bits of symbol definition for Symbol0.
Table 210. TxSym0_H bits
Bit
7
6
5
4
3
2
1
0
Symbol
Symbol0_L
Access
rights
r/w
Table 211. TxSym0_L (address 4Eh)
Bit
Symbol
Description
7 to 0
Symbol0_L
Lower 8 bits of symbol definition for Symbol0.
Table 212. TxSYM0_L bits
9.16.6 TxSym1
The two Registers TxSym1_H and TxSym1_L create a 16 bit register that contains the pattern for Symbol1.
Bit
7
6
5
4
3
2
1
0
Symbol
Symbol1_H
Access
rights
r/w
Table 213. TxSym1_H (address 4Fh)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
105 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com