Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 107 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors CLRC663 Datasheet HTML 108Page - NXP Semiconductors CLRC663 Datasheet HTML 109Page - NXP Semiconductors CLRC663 Datasheet HTML 110Page - NXP Semiconductors CLRC663 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
9.16.9 TxSym10Len
Bit
7
6
5
4
3
2
1
0
Symbol
Sym1Len
Sym0Len
Access
rights
r/w
r/w
Table 221. TxSym10Len (address 53h)
Bit
Symbol
Description
7 to 4
Sym1Len
Specifies the number of valid bits of the symbol definition of Symbol1. The range is from
1 bit (0h) to 16 bits (Fh).
3 to 0
Sym0Len
Specifies the number of valid bits of the symbol definition of Symbol0. The range is from
1 bit (0h) to 16 bits (Fh).
Table 222. TxSym10Len bits
9.16.10 TxSym32Len
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
Sym3Len
RFU
Sym2Len
Access
rights
-
r/w
r/w
r/w
-
r/w
r/w
r/w
Table 223. TxSym32Len (address 54h)
Bit
Symbol
Description
7
RFU
-
6 to 4
Sym3Len
Specifies the number of valid bits of the symbol definition of Symbol3. The range is from
1 bit (0h) to 8 bits (7h).
3
RFU
-
2 to 0
Sym2Len
Specifies the number of valid bits of the symbol definition of Symbol2. The range is from
1 bit (0h) to 8 bits (7h).
Table 224. TxSym32Len bits
9.16.11 TxSym10BurstCtrl
Bit
7
6
5
4
3
2
1
0
Symbol
RFU Sym1BurstType Sym1BurstOnly
Sym1BurstEn
RFU
Sym0
Burst Type
Sym0
BurstOnly
Sym0
BurstEn
Access
rights
-
r/w
r/w
r/w
-
r/w
r/w
r/w
Table 225. TxSym10BurstCtrl register (address 55h)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
107 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com