Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 26Page - NXP Semiconductors CLRC663 Datasheet HTML 27Page - NXP Semiconductors CLRC663 Datasheet HTML 28Page - NXP Semiconductors CLRC663 Datasheet HTML 29Page - NXP Semiconductors CLRC663 Datasheet HTML 30Page - NXP Semiconductors CLRC663 Datasheet HTML 31Page - NXP Semiconductors CLRC663 Datasheet HTML 32Page - NXP Semiconductors CLRC663 Datasheet HTML 33Page - NXP Semiconductors CLRC663 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Having performed this write access, the read access starts. The host sends the device address of the
CLRC663. As an answer to this device address, the CLRC663 responds with the content of the addressed
register. In one frame n-data bytes could be read using the same register address. The address pointing to the
register is incremented automatically (exception: FIFO register address is not incremented automatically). This
enables a fast transfer of register content. The address pointer is incremented automatically and data is read
from the locations [address], [address+1], [address+2]... [address+(n-1)]
In order to support a fast FIFO data transfer, the address pointer is not incremented automatically in case the
address is pointing to the FIFO.
The read/write bit shall be set to logic 1.
001aam305
Ack
0
(W)
Ack
0
SA
I2C slave address
A7-A0
Frontend IC register
address A6-A0
Ack
DATA
[7..0]
SO
SO
[0..n]
Ack
0
(W)
Ack
Optional, if the previous access was on the same register address
Read Cycle
Write Cycle
0
SA
I2C slave address
A7-A0
Frontend IC register
address A6-A0
1
(R)
Ack
SA
sent by master
sent by slave
I2C slave address
A7-A0
Ack
DATA
[7..0]
SO
[0..n]
0..n
Nack
DATA
[7..0]
Figure 22. Register read and write access
8.4.4.9 I2CL-bus interface
The CLRC663 provides an additional interface option for connection of a SAM. This logical interface fulfills
the I2C specification, but the rise/fall timings will not be compliant to the I2C standard. The I2CL interface uses
standard I/O pads, and the communication speed is limited to 5 MBaud. The protocol itself is equivalent to the
fast mode protocol of I2C. The SCL levels are generated by the host in push/pull mode. The RC663 does not
stretch the clock. During the high period of SCL, the status of the line is maintained by a bus keeper.
The address is 01010xxb, where the last two bits of the address can be defined by the application. The
definition of these bits can be done by two options. With a pin, where the higher bit is fixed to 0 or the
configuration can be defined via EEPROM. Refer to the EEPROM configuration in Section 8.7.
Parameter
Min
Max
Unit
fSCL
0
5
MHz
tHD;STA
80
-
ns
tLOW
100
-
ns
Table 26. Timing parameter I2CL
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
30 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com