Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 34Page - NXP Semiconductors CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors CLRC663 Datasheet HTML 40Page - NXP Semiconductors CLRC663 Datasheet HTML 41Page - NXP Semiconductors CLRC663 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
8.6 Analog interface and contactless UART
8.6.1 General
The integrated contactless UART supports the external host online with framing and error checking of the
protocol requirements up to 848 kbit/s. An external circuit can be connected to the communication interface pins
SIGIN and SIGOUT to modulate and demodulate the data.
The contactless UART handles the protocol requirements for the communication schemes in co-operation with
the host. The protocol handling itself generates bit- and byte-oriented framing and handles error detection like
Parity and CRC according to the different contactless communication schemes.
The size, the tuning of the antenna, and the supply voltage of the output drivers have an impact on the
achievable field strength. The operating distance between reader and card depends additionally on the type of
card used.
8.6.2 TX transmitter
The signal delivered on pin TX1 and pin TX2 is the 13.56 MHz carrier modulated by an envelope signal for
energy and data transmission. It can be used to drive an antenna directly, using a few passive components for
matching and filtering, see Section 14. The signal on TX1 and TX2 can be configured by the register DrvMode,
see Section 9.8.1.
The modulation index can be set by the TxAmp.
Following figure shows the general relations during modulation
001aan355
time
influenced by set_clk_mode
envelope
TX ASK100
1: Defined by set_cw_amplitude.
2: Defined by set_residual_carrier.
TX ASK10
(1)
(2)
Figure 25. General dependences of modulation
Note: When changing the continuous carrier amplitude, the residual carrier amplitude also changes, while the
modulation index remains the same.
The registers Section 9.8 and Section 9.10 control the data rate, the framing during transmission and the setting
of the antenna driver to support the requirements at the different specified modes and transfer speeds.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
38 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com