Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 51Page - NXP Semiconductors CLRC663 Datasheet HTML 52Page - NXP Semiconductors CLRC663 Datasheet HTML 53Page - NXP Semiconductors CLRC663 Datasheet HTML 54Page - NXP Semiconductors CLRC663 Datasheet HTML 55Page - NXP Semiconductors CLRC663 Datasheet HTML 56Page - NXP Semiconductors CLRC663 Datasheet HTML 57Page - NXP Semiconductors CLRC663 Datasheet HTML 58Page - NXP Semiconductors CLRC663 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Abort condition: Less than 6 bytes written to the FIFO.
8.10.3.4 MFAuthent command
Command (03h), Parameter1 (Authentication command code 60h or 61h), Parameter2 (block address),
Parameter3 (card serial number byte0), Parameter4 (card serial number byte1), Parameter5 (card serial
number byte2), Parameter6 (card serial number byte3);
This command handles the MIFARE Classic authentication in Reader/Writer mode to ensure a secure
communication to any MIFARE classic card.
When the MFAuthent command is active, any FIFO access is blocked. Anyhow if there is access to the FIFO,
the bit WrErr in the Error register is set.
This command terminates automatically when the MIFARE Classic card is authenticated and the bit
MFCrypto1On is set to logic 1.
This command does not terminate automatically, when the card does not answer, therefore the timer should be
initialized to automatic mode. In this case, beside the bit IdleIRQ the bit TimerIRQ can be used as termination
criteria. During authentication processing the bits RxIRQ and TxIRQ are blocked. The Crypto1On shows if the
authentication was successful. The Crypto1On is always valid.
In case, there is an error during authentication, the bit ProtocolErr in the Error register is set to logic 1 and the
bit Crypto1On in register Status2Reg is set to logic 0.
8.10.3.5 AckReq command
Command (04h);
Performs a Query (Full command must be written into the FIFO); an Ack and a ReqRn command. All answers to
the command will be written into the FIFO. The error flag is copied after the answer into the FIFO.
This command terminates automatically and the then active state is idle.
8.10.3.6 Receive command
Command (05h);
The CLRC663 activates the receiver path and waits for any data stream to be received, according to its register
settings. The registers must be set before starting this command according to the used protocol and antenna
configuration. The correct settings have to be chosen before starting the command.
This command terminates automatically when the received data stream ends. This is indicated either by the end
of frame pattern or by the length byte depending on the selected framing and speed.
Remark: If the bit RxMultiple in the RxModeReg register is set to logic 1, the Receive command does not
terminate automatically. It has to be terminated by activating any other command in the CommandReg register
(see Section 9.17.6).
8.10.3.7 Transmit command
Command (06h); data to transmit
The content of the FIFO is transmitted immediately after starting the command. Before transmitting the FIFO, all
relevant registers have to be set to transmit data.
This command terminates automatically when the FIFO gets empty. It can be terminated by any other command
written to the command register.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
55 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com