Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors CLRC663 Datasheet HTML 78Page - NXP Semiconductors CLRC663 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
This value shall not be read out during reception.
Table 90. T0CounterValLo bits
9.7.2.5 T1Control
Control register of the Timer1.
Bit
7
6
5
4
3
2
1
0
Symbol
T1StopRx
-
T1Start
T1AutoRestart
-
T1Clk
Access
rights
r/w
RFU
r/w
r/w
RFU
r/w
Table 91. T1Control register (address 14h);
Bit
Symbol
Description
7
T1StopRx
If set, the timer stops after receiving the first 4 bits. If cleared, the timer is not stopped
automatically.
Note: If LFO trimming is selected by T1start, this bit has no effect.
6
-
RFU
5 to 4
T1Start
00b: The timer is not started automatically
01 b: The timer starts automatically at the end of the transmission
10 b: Timer is used for LFO trimming without underflow (Start/Stop on PosEdge)
11 b: Timer is used for LFO trimming with underflow (Start/Stop on PosEdge)
3
T1AutoRestart
Set to logic 1, the timer automatically restarts its countdown from T1ReloadValue, after
the counter value has reached the value zero.
Set to logic 0 the timer decrements to zero and stops.
The bit Timer1IRQ is set to logic 1 when the timer underflows.
2
-
RFU
1 to 0
T1Clk
00 b: The timer input clock is 13.56 MHz
01 b: The timer input clock is 211,875 kHz.
10 b: The timer input clock is an underflow of Timer0
11 b: The timer input clock is an underflow of Timer2
Table 92. T1Control bits
9.7.2.6 T1ReloadHi
High byte (MSB) reload value of the Timer1.
Bit
7
6
5
4
3
2
1
0
Symbol
T1ReloadHi
Access
rights
r/w
Table 93. T0ReloadHi register (address 15h)
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
75 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com