Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 69Page - NXP Semiconductors CLRC663 Datasheet HTML 70Page - NXP Semiconductors CLRC663 Datasheet HTML 71Page - NXP Semiconductors CLRC663 Datasheet HTML 72Page - NXP Semiconductors CLRC663 Datasheet HTML 73Page - NXP Semiconductors CLRC663 Datasheet HTML 74Page - NXP Semiconductors CLRC663 Datasheet HTML 75Page - NXP Semiconductors CLRC663 Datasheet HTML 76Page - NXP Semiconductors CLRC663 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
9.7.2 T0Control
Control register of the Timer0.
Bit
7
6
5
4
3
2
1
0
Symbol
T0StopRx
-
T0Start
T0AutoRestart
-
T0Clk
Access
rights
r/w
RFU
r/w
r/w
RFU
r/w
Table 81. T0Control register (address 0Fh);
Bit
Symbol
Description
7
T0StopRx
If set, the timer stops immediately after receiving the first 4 bits. If cleared the timer does
not stop automatically.
Note: If LFO Trimming is selected by T0Start, this bit has no effect.
6
-
RFU
5 to 4
T0Start
00b: The timer is not started automatically
01 b: The timer starts automatically at the end of the transmission
10 b: Timer is used for LFO trimming without underflow (Start/Stop on PosEdge)
11 b: Timer is used for LFO trimming with underflow (Start/Stop on PosEdge)
3
T0AutoRestart
1: the timer automatically restarts its count-down from T0ReloadValue, after the counter
value has reached the value zero.
0: the timer decrements to zero and stops.
The bit Timer1IRQ is set to logic 1 when the timer underflows.
2
-
RFU
1 to 0
T0Clk
00 b: The timer input clock is 13.56 MHz.
01 b: The timer input clock is 211,875 kHz.
10 b: The timer input clock is an underflow of Timer2.
11 b: The timer input clock is an underflow of Timer1.
Table 82. T0Control bits
9.7.2.1 T0ReloadHi
High byte reload value of the Timer0.
Bit
7
6
5
4
3
2
1
0
Symbol
T0Reload Hi
Access
rights
r/w
Table 83. T0ReloadHi register (address 10h);
Bit
Symbol
Description
7 to 0
T0ReloadHi
Defines the high byte of the reload value of the timer. With the start event, the timer
loads the value of the registers T0ReloadValHi, T0ReloadValLo. Changing this register
affects the timer only at the next start event.
Table 84. T0ReloadHi bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
73 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com