Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 99Page - NXP Semiconductors CLRC663 Datasheet HTML 100Page - NXP Semiconductors CLRC663 Datasheet HTML 101Page - NXP Semiconductors CLRC663 Datasheet HTML 102Page - NXP Semiconductors CLRC663 Datasheet HTML 103Page - NXP Semiconductors CLRC663 Datasheet HTML 104Page - NXP Semiconductors CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Bit
Symbol
Description
9h - 1 out of 256 code (range 0 - 255) [ICODE SLI]
Ah - 1 out of 256 code (range 0 - 255; 00h is encoded with no modulation, value 256 not
used) [ICODE 1]
Bh - 1 out of 256 code (range 0 - 255; 00h is encoded with a pulse on last position)
[ICODE quite value]
Ch- Pulse internal encoded (PIE) [ISO/IEC 18000-3 mode 3/ EPC Class-1HF]
Dh - RFU
Eh - RFU
Fh - RFU
3
DSCFreq
Specifies the subcarrier frequency of the used envelope.
0h - 424 kHz
1h - 848 kHz
Note: This setting is only relevant, if an envelope is used which involves a subcarrier,
e.g. Manchester with subcarrier coding.
2 to 0
DBFreq
Specifies the frequency of the bit stream:
0h - RFU
1h - RFU
2h - 26 kHz
3h - 53 kHz
4h - 106 kHz
5h - 212 kHz
6h - 424 kHz
7h - 848 kHz
Table 204. TxDataCon bits...continued
9.16.3 TxDataMod
Bit
7
6
5
4
3
2
1
0
Symbol
Frame step
DMillerEn
DPulseType
DInvert
DEnvType
Access
rights
r/w
r/w
r/w
r/w
r/w
Table 205. TxDataMod register (address 4Bh)
Bit
Symbol
Description
7
Framestep
If set to 1, at every start of transmission, each byte of data is sent in a separate frame.
SOF and EOF are appended to the data byte according to the framing settings. After
one byte is transmitted, the TxEncoder waits for a new start trigger to continue with the
next byte (trigger is generated automatically). If set to 0, transmission is done in the
used way, where after a start trigger all data bytes are sent and the framing is done for
the complete data stream only once.
6
DMillerEn
If set, pulse modulation is applied according to modified miller code.
Note: This bit is intended to be set if DPulseType is 1h.
5 to 4
DPulseType
Specifies which type of pulse modulation is selected.
0 h - no pulse modulation
1h - pulse starts at beginning of bit
2h - pulse starts at beginning of second bit half
Table 206. TxDataMod bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
103 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com