Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 109 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 105Page - NXP Semiconductors CLRC663 Datasheet HTML 106Page - NXP Semiconductors CLRC663 Datasheet HTML 107Page - NXP Semiconductors CLRC663 Datasheet HTML 108Page - NXP Semiconductors CLRC663 Datasheet HTML 109Page - NXP Semiconductors CLRC663 Datasheet HTML 110Page - NXP Semiconductors CLRC663 Datasheet HTML 111Page - NXP Semiconductors CLRC663 Datasheet HTML 112Page - NXP Semiconductors CLRC663 Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
9.16.13 TxSym32Mod
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
S32MillerEn
S32PulseType
S32Inv
S32EnvType
Access
rights
-
r/w
r/w
r/w
r/w
Table 229. TxSym32Mod register (address 57h)
Bit
Symbol
Description
7
RFU
-
6
S32MillerEn
If set, pulse modulation is applied according to modified miller code.
Note: This bit shall be set only if S32PulseType is set to 1h.
5 to 4
S32PulseType
Specifies which type of pulse modulation is selected:
0h - no pulse modulation
1h - pulse starts at beginning of bit
2h - pulse starts at beginning of second bit half
3h - pulse starts at beginning of third bit quarter
3
S32Inv
If set. the output of Symbol2 and Symbol3 is inverted.
2 to 0
S32EnvType
Specifies the type of envelope used for transmission of symbol 0 and symbol 1. The bit
stream is logically combined with the selected envelope type.
0h - Direct output
1h - Manchester code
2h - Manchester code with subcarrier
3h - BPSK
4h - RZ return zero, pulse of half bit length at beginning of second half of bit)
5h - RZ return zero, pulse of half bit length at beginning of bit)
6h to 7h RFU
Table 230. TxSym32Mod bits
9.17 Receiver configuration
9.17.1 RxBitMod
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
RFU
RxStopOnInvPar RxStopOnLength
RxMSBFirst
RxStopBitEn RxParityType
RFU
Access
rights
-
-
r/w
r/w
r/w
r/w
r/w
-
Table 231. RxBitMod (address 58h)
Bit
Symbol
Description
7 to 6
RFU
-
5
RxStopOnInvPar
If set to 1, inverse parity bit is a stop condition.
Table 232. RxBitMod bits
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
109 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com