Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 12Page - NXP Semiconductors PCA9641PW Datasheet HTML 13Page - NXP Semiconductors PCA9641PW Datasheet HTML 14Page - NXP Semiconductors PCA9641PW Datasheet HTML 15Page - NXP Semiconductors PCA9641PW Datasheet HTML 16Page - NXP Semiconductors PCA9641PW Datasheet HTML 17Page - NXP Semiconductors PCA9641PW Datasheet HTML 18Page - NXP Semiconductors PCA9641PW Datasheet HTML 19Page - NXP Semiconductors PCA9641PW Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
16 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
8.3 Register 2: Status register ([B2:B0] = 010b)
Table 10.
STATUS - Status register (pointer address 02h) bit description
POR = 00h.
Legend: * default value
Bit
Symbol
Access
Value
Description
7
SDA_IO
R/W
SDA becomes I/O pin; master can read or write to
this register bit. If master reads this bit, the value is
the state of the downstream SDA pin. Zero value
means SDA is LOW, and one means SDA pin is
HIGH.
When master writes ‘0’ to this register bit, the
downstream SDA pin will assert LOW.
If master writes ‘1’ to this register bit, the
downstream SDA pin will be pulled HIGH.
Remark: SDA becomes I/O pin only when
BUS_CONNECT = 0 and LOCK_GRANT = 1.
0*
When read, indicates the SDA pin of the
downstream bus is LOW.
When written, PCA9641 drives SDA pin of
downstream bus LOW.
1
When read, indicates the SDA pin of the
downstream bus is HIGH.
When written, PCA9641 drives SDA pin of the
downstream bus HIGH.
6
SCL_IO
R/W
SCL becomes I/O pin; master can read or write to
this register bit. If master reads this bit, the value is
the state of the downstream SCL pin. Zero value
means SCL is LOW, and one means SCL pin is
HIGH.
When master writes ‘0’ to this register bit, the
downstream SCL pin will assert LOW.
If master writes ‘1’ to this register bit, the
downstream SCL pin will be pulled HIGH.
Remark: SCL becomes I/O pin only when
BUS_CONNECT = 0 and LOCK_GRANT = 1.
0*
When read, shows the SCL pin of the downstream
bus is LOW.
When written, PCA9641 drives SCL pin of
downstream bus LOW.
1
When read, shows the SCL pin of the downstream
bus is HIGH.
When written, PCA9641 drives SCL pin of the
downstream bus HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com