Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 16Page - NXP Semiconductors PCA9641PW Datasheet HTML 17Page - NXP Semiconductors PCA9641PW Datasheet HTML 18Page - NXP Semiconductors PCA9641PW Datasheet HTML 19Page - NXP Semiconductors PCA9641PW Datasheet HTML 20Page - NXP Semiconductors PCA9641PW Datasheet HTML 21Page - NXP Semiconductors PCA9641PW Datasheet HTML 22Page - NXP Semiconductors PCA9641PW Datasheet HTML 23Page - NXP Semiconductors PCA9641PW Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
20 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
8.5 Register 4: Interrupt Status register ([B2:B0] = 100b)
These interrupt status bits are sticky and will remain set until cleared by writing ‘1’.
The PCA9641 provides seven different types of interrupt.
Table 12.
INT_STATUS - Interrupt status register (pointer address 04h) bit description
POR = 00h.
Bit
Symbol
Access
Value
Description
7
-
Reserved.
6
BUS_HUNG_INT
R only
Indicates to both masters that SDA signal is LOW
and SCL signal does not toggle for more than
500 ms or SCL is LOW for 500 ms.
0
No interrupt generated; normal operation.
1
Interrupt generated; downstream bus cannot
recover; when SDA signal is LOW and SCL signal
does not toggle for more than 500 ms or SCL is
LOW for 500 ms,
5
MBOX_FULL_INT
R/W
Indicates the mailbox has new mail.
0
No interrupt generated; mailbox is not full.
1
Interrupt generated; mailbox full.
4
MBOX_EMPTY_INT
R/W
Indicates the sent mail is empty, other master has
read the mail.
0
No interrupt generated; sent mail is not empty.
1
Interrupt generated; mailbox is empty.
3
TEST_INT_INT
R/W
Indicates this master has sent an interrupt to itself.
0
No interrupt generated; master has not set the
TEST_INT bit in STATUS register.
1
Interrupt generated; master activates its interrupt
pin via the TEST_INT bit in STATUS register.
2
LOCK_GRANT_INT
R/W
Indicates the master has a lock (ownership) on the
downstream bus.
0
No interrupt generated; this master does not have
a lock on the downstream bus.
1
Interrupt generated; this master has a lock on the
downstream bus.
1
BUS_LOST_INT
R/W
Indicates the master has involuntarily lost the
ownership of the downstream bus.
0
No interrupt generated; this master is controlling
the downstream bus.
1
Interrupt generated; this master has involuntarily
lost the control of the downstream bus.
0
INT_IN_INT
R/W
Indicates that there is an interrupt from the
downstream bus to both the granted and
non-granted masters.
0
No interrupt on interrupt input pin INT_IN.
1
Interrupt on interrupt input pin INT_IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com