Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 13Page - NXP Semiconductors PCA9641PW Datasheet HTML 14Page - NXP Semiconductors PCA9641PW Datasheet HTML 15Page - NXP Semiconductors PCA9641PW Datasheet HTML 16Page - NXP Semiconductors PCA9641PW Datasheet HTML 17Page - NXP Semiconductors PCA9641PW Datasheet HTML 18Page - NXP Semiconductors PCA9641PW Datasheet HTML 19Page - NXP Semiconductors PCA9641PW Datasheet HTML 20Page - NXP Semiconductors PCA9641PW Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
17 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
5
TEST_INT
W only
Test interrupt output pin; a master can send an
interrupt to itself by writing ‘1’ to this register bit.
Writing ‘0’ to this register bit has no effect. To clear
this interrupt, master must write ‘1’ to
TEST_INT_INT in Interrupt Status register.
0*
Normal operation
1
Causes PCA9641 INT pin to go LOW if not masked
by TEST_INT_INT in Interrupt Mask register. Allows
this master to invoke its Interrupt Service Routine to
handle housekeeping tasks.
4
MBOX_FULL
R only
This is a read-only status register bit. If this bit is ‘0’,
it indicates no data is available in the mail box. If it is
‘1’, it indicates new data is available in the mail box.
0*
No data is available for this master.
1
Mailbox contains data for this master from the other
master.
3
MBOX_EMPTY
R only
This is a read-only status register bit. If this bit is ‘0’,
it indicates other master mailbox is full, and this
master cannot send more data to other master
mailbox. If it is ‘1’, it indicates other master is empty
and this master can send data to other master
mailbox.
0*
Other master mailbox is full; wait until other master
reads data.
1
Other master mailbox is empty. Other master has
read previous data and it is permitted to write new
data.
2
BUS_HUNG
R only
This is a read-only status register bit. If this register
bit is ‘0’, it indicates the bus is in normal condition. If
this bit is ‘1’, it indicates the bus is hung. The hung
bus means SDA signal is LOW and SCL signal does
not toggle for more than 500 ms or SCL is LOW for
500 ms.
0*
Normal operation
1
Downstream bus hung; when SDA signal is LOW
and SCL signal does not toggle for more than
500 ms or SCL is LOW for 500 ms.
1
BUS_INIT_FAIL
R only
This is a read-only status register bit. If this register
bit is ‘0’, it indicates the bus initialization function has
passed. The downstream bus is in idle mode (SCL
and SDA are HIGH). If this register bit is ‘1’, it
indicates the bus initialization function has failed.
The SDA signal could be stuck LOW.
0*
Normal operation
1
Bus initialization has failed. SDA still LOW, the
downstream bus cannot recover.
Table 10.
STATUS - Status register (pointer address 02h) bit description …continued
POR = 00h.
Legend: * default value
Bit
Symbol
Access
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com