Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 25Page - NXP Semiconductors PCA9641PW Datasheet HTML 26Page - NXP Semiconductors PCA9641PW Datasheet HTML 27Page - NXP Semiconductors PCA9641PW Datasheet HTML 28Page - NXP Semiconductors PCA9641PW Datasheet HTML 29Page - NXP Semiconductors PCA9641PW Datasheet HTML 30Page - NXP Semiconductors PCA9641PW Datasheet HTML 31Page - NXP Semiconductors PCA9641PW Datasheet HTML 32Page - NXP Semiconductors PCA9641PW Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
29 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
12.6 Auto-increment
Writing to each register carries an overhead of a total of 3 bytes: slave address,
command, and data. Auto-increment allows the user to send or receive data continuously
where the slave will auto-increment and wrap around on the registers.
The auto-increment is bit 8 of the command byte (see Figure 5).
By setting the AI bit to 1, the master can send or read N data bytes to or from
incrementing addresses that wrap around to 0x0. For example, a write to register address
0x4 will write data byte 1 to address 0x4, data byte 2 to address 0x5 data byte 3 to
address 0x6, data byte 4 to address 0x7, data byte 5 to address 0x0, data byte 6 to
address 0x1, data byte 7 to address 0x2 and data byte 8 to address 0x3. The read occurs
in much the same way. When write to read register only, the write will not affect the value.
The master stops an auto-increment write by sending a STOP bit after the final slave
ACK. The master stops a read by NACKing the final byte and sending a STOP bit.
Remark: If an eighth data byte is read, the first register will be accessed.
Refer to Table 15.
Fig 17. Read the five registers using the Auto-Increment (AI) bit
aaa-008572
A6 A5 A4 A3 A2 A1 A0 0
slave address
R/W
S
START condition
A
acknowledge
from slave
10000
x
x
x
command code register
access to register
xxx = 000, 001, 010, 011,
100, 101, 110 or 111
auto
increment
A
acknowledge
from slave
A
P
STOP
condition
A
no acknowledge
from master
acknowledge
from master
Sr
re-START
condition
A6 A5 A4 A3 A2 A1 A0 1
slave address
R/W
A
acknowledge
from slave
eighth data byte
second data byte
A
acknowledge
from master
first data byte
A
acknowledge
from master
third data byte
Table 15.
Read/write the registers using Auto-Increment
Command
code
First
data byte
Second
data byte
Third
data byte
Fourth
data byte
Fifth
data byte
Sixth
data byte
Seventh
data byte
Eighth
data byte
1000 0000
ID
CONTR
STATUS
RT
INT_
STATUS
INT_MASK
MB_LO
MB_HI
1000 0001
CONTR
STATUS
RT
INT_
STATUS
INT_MASK
MB_LO
MB_HI
ID
1000 0010
STATUS
RT
INT_
STATUS
INT_MASK
MB_LO
MB_HI
ID
CONTR
1000 0011
RT
INT_
STATUS
INT_MASK
MB_LO
MB_HI
ID
CONTR
STATUS
1000 0100
INT_
STATUS
INT_MASK
MB_LO
MB_HI
ID
CONTR
STATUS
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com