Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 36Page - NXP Semiconductors PCA9641PW Datasheet HTML 37Page - NXP Semiconductors PCA9641PW Datasheet HTML 38Page - NXP Semiconductors PCA9641PW Datasheet HTML 39Page - NXP Semiconductors PCA9641PW Datasheet HTML 40Page - NXP Semiconductors PCA9641PW Datasheet HTML 41Page - NXP Semiconductors PCA9641PW Datasheet HTML 42Page - NXP Semiconductors PCA9641PW Datasheet HTML 43Page - NXP Semiconductors PCA9641PW Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
40 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
18. Static characteristics
Table 19.
Static characteristics
VDD = 2.3 V to 3.6 V; VSS =0V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.3
-
3.6
V
IDD
supply current
Operating mode; no load;
VI =VDD or VSS; fSCL = 1 MHz;
RESET
 V
DD
[6]
VDD =2.3 V
-
127[4]
210[5]
A
VDD =3.6 V
-
184[2]
325
A
Istb
standby current
Standby mode; no load; VI =VDD or VSS;
fSCL = 0 kHz; RESET  VDD[6]
VDD =2.3 V
-
110[4]
160[5]
A
VDD =3.6 V
-
148[2]
275
A
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[1] -1.5
2.1
V
Input SCL_MSTn; input/output SDA_MSTn (upstream and downstream channels)
VIL
LOW-level input voltage
0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-3.6
V
IOL
LOW-level output current VOL =0.4 V
20
38[2]
-mA
IL
leakage current
VI =VDD or VSS
1-
+1
A
Ci
input capacitance
VI =VSS
VDD = 2.3 V to 3.6 V[5]
-
6
10
pF
Select inputs A0 to A3[3]
ILI
input leakage current
VI =VDD or VSS
1-
+1
A
Ci
input capacitance
VI =VSS
VDD = 2.3 V to 3.6 V[5]
-
4
10
pF
Select inputs INT_IN, RESET
VIL
LOW-level input voltage
0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-3.6
V
ILI
input leakage current
VI =VDD or VSS
1-
+1
A
Ci
input capacitance
VI =VSS
VDD = 2.3 V to 3.6 V[5]
-
4
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com