Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 35Page - NXP Semiconductors PCA9641PW Datasheet HTML 36Page - NXP Semiconductors PCA9641PW Datasheet HTML 37Page - NXP Semiconductors PCA9641PW Datasheet HTML 38Page - NXP Semiconductors PCA9641PW Datasheet HTML 39Page - NXP Semiconductors PCA9641PW Datasheet HTML 40Page - NXP Semiconductors PCA9641PW Datasheet HTML 41Page - NXP Semiconductors PCA9641PW Datasheet HTML 42Page - NXP Semiconductors PCA9641PW Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
39 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
17. Limiting values
[1]
The performance capability of a high-performance integrated circuit in conjunction with its thermal
environment can create junction temperatures which are detrimental to reliability. The maximum junction
temperature of this integrated circuit should not exceed 125
C.
Fig 30. Power-on reset voltage (VPOR)
002aah332
POR
time
VDD
time
VPOR (rising VDD)
VPOR (falling VDD)
Table 18.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages are referenced to VSS (ground = 0 V).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+4.0
V
VI
input voltage
0.5
+4.0
V
II
input current
20
+20
mA
IO
output current
25
+25
mA
IDD
supply current
100
+100
mA
ISS
ground supply current
100
+100
mA
Ptot
total power dissipation
-
400
mW
Tstg
storage temperature
60
+150
C
Tamb
ambient temperature
operating in free air
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com