Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9641PW Datasheet HTML 1Page - NXP Semiconductors PCA9641PW Datasheet HTML 2Page - NXP Semiconductors PCA9641PW Datasheet HTML 3Page - NXP Semiconductors PCA9641PW Datasheet HTML 4Page - NXP Semiconductors PCA9641PW Datasheet HTML 5Page - NXP Semiconductors PCA9641PW Datasheet HTML 6Page - NXP Semiconductors PCA9641PW Datasheet HTML 7Page - NXP Semiconductors PCA9641PW Datasheet HTML 8Page - NXP Semiconductors PCA9641PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1.
General description
The PCA9641 is a 2-to-1 I2C master demultiplexer with an arbiter function. It is designed
for high reliability dual master I2C-bus applications where correct system operation is
required, even when two I2C-bus masters issue their commands at the same time. The
arbiter will select a winner and let it work uninterrupted, and the losing master will take
control of the I2C-bus after the winner has finished. The arbiter also allows for queued
requests where a master requests the downstream bus while the other master has
control.
A race condition occurs when two masters try to access the downstream I2C-bus at
almost the same time. The PCA9641 intelligently selects one winning master and the
losing master gains control of the bus after the winning master gives up the bus or the
reserve time has expired.
Multiple transactions can be done without interruption. The time needed for multiple
transactions on the downstream bus can be reserved by programming the Reserve Time
register. During the reserve time, the downstream bus cannot be lost.
Software reset allows a master to send a reset through the I2C-bus to put the PCA9641’s
registers into the power-on reset condition.
The Device ID of the PCA9641 can be read by the master and includes manufacturer,
device type and revision.
When there is no activity on the downstream I2C-bus over 100 ms, optionally the
PCA9641 will disconnect the downstream bus to both masters to avoid a lock-up on the
I2C-bus.
The interrupt outputs are used to provide an indication of which master has control of the
bus, and which master has lost the downstream bus. One interrupt input (INT_IN) collects
downstream information and propagates it to the two upstream I2C-buses (INT0 and
INT1) if enabled. INT0 and INT1 are also used to let the master know if the shared mail
box has any new mail or if the outgoing mail has not been read by the other master. Those
interrupts can be disabled and will not generate an interrupt if the masking option is set.
The pass gates of the switches are constructed such that the VDD pin can be used to limit
the maximum high voltage, which will be passed by the PCA9641. This allows the use of
different bus voltages on each pair, so that 1.8 V, 2.5 V, or 3.3 V devices can communicate
with 3.3 V devices without any additional protection.
The PCA9641 does not isolate the capacitive loading on either side of the device, so the
designer must take into account all trace and device capacitances on both sides of the
device, and pull-up resistors must be used on all channels.
PCA9641
2-channel I2C-bus master arbiter
Rev. 2.1 — 27 October 2015
Product data sheet


Similar Part No. - PCA9641PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9646 NXP-PCA9646 Datasheet
423Kb / 22P
Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
PCA9646 NXP-PCA9646 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9646D NXP-PCA9646D Datasheet
423Kb / 22P
Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
PCA9646PW NXP-PCA9646PW Datasheet
423Kb / 22P
Buffered 4-channel 2-wire bus switch
Rev. 1-1 March 2011
More results

Similar Description - PCA9641PW

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C89 INTERSIL-82C89 Datasheet
123Kb / 15P
CMOS Bus Arbiter
March 1997
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
CMOS Bus Arbiter
February 27, 2006
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
2 Channel I2C bus Multiplexer
PI4MSD5V9543A PERICOM-PI4MSD5V9543A Datasheet
613Kb / 13P
2 Channel I2C bus switch
PI4MSD5V9543B PERICOM-PI4MSD5V9543B Datasheet
610Kb / 13P
2 Channel I2C bus switch
logo
Renesas Technology Corp
82C89 RENESAS-82C89 Datasheet
660Kb / 14P
CMOS Bus Arbiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com