Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 4Page - NXP Semiconductors PCA9641PW Datasheet HTML 5Page - NXP Semiconductors PCA9641PW Datasheet HTML 6Page - NXP Semiconductors PCA9641PW Datasheet HTML 7Page - NXP Semiconductors PCA9641PW Datasheet HTML 8Page - NXP Semiconductors PCA9641PW Datasheet HTML 9Page - NXP Semiconductors PCA9641PW Datasheet HTML 10Page - NXP Semiconductors PCA9641PW Datasheet HTML 11Page - NXP Semiconductors PCA9641PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
8 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
VSS
VDD
PU
PD
010011
0
-
4Ch
4Dh
26h
VSS
VDD
PU
PU
010011
1
-
4Eh
4Fh
27h
VDD
VSS
PD
PD
010100
0
-
50h
51h
28h
VDD
VSS
PD
PU
010100
1
-
52h
53h
29h
VDD
VSS
PU
PD
010101
0
-
54h
55h
2Ah
VDD
VSS
PU
PU
010101
1
-
56h
57h
2Bh
VDD
VDD
PD
PD
010110
0
-
58h
59h
2Ch
VDD
VDD
PD
PU
010110
1
-
5Ah
5Bh
2Dh
VDD
VDD
PU
PD
010111
0
-
5Ch
5Dh
2Eh
VDD
VDD
PU
PU
010111
1
-
5Eh
5Fh
2Fh
VSS
PD
VSS
VSS
011000
0
-
60h
61h
30h
VSS
PD
VSS
VDD
011000
1
-
62h
63h
31h
VSS
PD
VDD
VSS
011001
0
-
64h
65h
32h
VSS
PD
VDD
VDD
011001
1
-
66h
67h
33h
VSS
PU
VSS
VSS
011010
0
-
68h
69h
34h
VSS
PU
VSS
VDD
011010
1
-
6Ah
6Bh
35h
VSS
PU
VDD
VSS
011011
0
-
6Ch
6Dh
36h
VSS
PU
VDD
VDD
011011
1
-
6Eh
6Fh
37h
VDD
PD
VSS
VSS
011100
0
-
70h
71h
38h
VDD
PD
VSS
VDD
011100
1
-
72h
73h
39h
VDD
PD
VDD
VSS
011101
0
-
74h
75h
3Ah
VDD
PD
VDD
VDD
011101
1
-
76h
77h
3Bh
VDD
PU
VSS
VSS
011110
0
-
78h
79h
3Ch
VDD
PU
VSS
VDD
011110
1
-
7Ah
7Bh
3Dh
VDD
PU
VDD
VSS
011111
0
-
7Ch
7Dh
3Eh
VDD
PU
VDD
VDD
011111
1
-
7Eh
7Fh
3Fh
VSS
PD
VSS
PD
100000
0
-
80h
81h
40h
VSS
PD
VSS
PU
100000
1
-
82h
83h
41h
VSS
PD
VDD
PD
100001
0
-
84h
85h
42h
VSS
PD
VDD
PU
100001
1
-
86h
87h
43h
VSS
PU
VSS
PD
100010
0
-
88h
89h
44h
VSS
PU
VSS
PU
100010
1
-
8Ah
8Bh
45h
VSS
PU
VDD
PD
100011
0
-
8Ch
8Dh
46h
VSS
PU
VDD
PU
100011
1
-
8Eh
8Fh
47h
VDD
PD
VSS
PD
100100
0
-
90h
91h
48h
VDD
PD
VSS
PU
100100
1
-
92h
93h
49h
VDD
PD
VDD
PD
100101
0
-
94h
95h
4Ah
VDD
PD
VDD
PU
100101
1
-
96h
97h
4Bh
VDD
PU
VSS
PD
100110
0
-
98h
99h
4Ch
Table 5.
Address maps …continued
Do not use any other combination addresses to decode hardware addresses.
Pin connectivity
Address of PCA9641
Address byte value
7-bit hexadecimal
address without R/W
AD3
AD2
AD1
AD0
A6
A5
A4
A3
A2
A1
A0
R/W
Write
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com