Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 14Page - NXP Semiconductors PCA9641PW Datasheet HTML 15Page - NXP Semiconductors PCA9641PW Datasheet HTML 16Page - NXP Semiconductors PCA9641PW Datasheet HTML 17Page - NXP Semiconductors PCA9641PW Datasheet HTML 18Page - NXP Semiconductors PCA9641PW Datasheet HTML 19Page - NXP Semiconductors PCA9641PW Datasheet HTML 20Page - NXP Semiconductors PCA9641PW Datasheet HTML 21Page - NXP Semiconductors PCA9641PW Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
18 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
8.4 Register 3: Reserve Time register ([B2:B0] = 011b)
Reserve time is for when a master wants ownership of the downstream bus without
interruption. It can reserve from 1 ms to 255 ms ownership of the downstream bus without
interruption.
Reserve time cannot be changed after LOCK_GRANT is one.
If a master requests the downstream bus with 00h in Reserve Time register, this master
wants the downstream bus forever or until it gives up the bus by setting LOCK_REQ bit to
zero.
0
OTHER_LOCK
R only
This is a status read-only register bit. Other master
lock status indicates the ownership between other
master and the downstream bus. If this register bit is
‘1’, the other master has owned the downstream
bus. If this register bit is ‘0’, the other master does
not own the downstream bus.
0*
The other master does not have a lock on the
downstream bus.
1
The other master has a lock on the downstream bus.
Table 10.
STATUS - Status register (pointer address 02h) bit description …continued
POR = 00h.
Legend: * default value
Bit
Symbol
Access
Value
Description
Table 11.
RT - Reserve Time register (pointer address 03h) bit description
POR = 00h.
Bit
Symbol
Access
Value
Description
7 to 0 RES_TIME[7:0]
R/W
Reserve timer. Changes during
LOCK_GRANT = 1 will have no effect.
0
Disable timer or reserve without time limited.
01h
1 ms
::
FFh
255 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com