Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 21Page - NXP Semiconductors PCA9641PW Datasheet HTML 22Page - NXP Semiconductors PCA9641PW Datasheet HTML 23Page - NXP Semiconductors PCA9641PW Datasheet HTML 24Page - NXP Semiconductors PCA9641PW Datasheet HTML 25Page - NXP Semiconductors PCA9641PW Datasheet HTML 26Page - NXP Semiconductors PCA9641PW Datasheet HTML 27Page - NXP Semiconductors PCA9641PW Datasheet HTML 28Page - NXP Semiconductors PCA9641PW Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
25 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
11. Request grant examples
In the waveform shown in Figure 11, Master 0 initiated a START first. Master 1 was at a
higher clock speed and wrote the request bit first, so Master 1 won the arbitration.
The effects of the arbitration do not take effect until the winning master issues a STOP
condition. If the winning master were to continue to write to the next register using
auto-incrementing addresses, it would delay the grant until the STOP. The master has
‘won’ the arbitration, though.
Two masters request the bus at the same time (close enough that the logic cannot tell the
difference). See Figure 8 for the waveform. In this case the PRIORITY bits are used to
determine the winner. The truth table, Table 9, is for winner selection.
12. Characteristics of the I2C-bus
The information in this section pertains to both M0 and M1 I2C-bus interfaces.
The I2C-bus interface is used to access the device programmable registers. This interface
runs as Fast-mode Plus (Fm+) speeds with a general call software reset. The I2C core is
composed of the I2C State Machine, shift register, and the start/stop detection logic.
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two
lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor when connected to the output stages
of a device. Data transfer may be initiated only when the bus is not busy.
Fig 11. Request grant example
aaa-008554
ACK
ACK
M1 SDA
M1 SCL
M0 SDA
M0 SCL
grant
winner
Master 1
Master 0
none
none
M1
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com