Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 19Page - NXP Semiconductors PCA9641PW Datasheet HTML 20Page - NXP Semiconductors PCA9641PW Datasheet HTML 21Page - NXP Semiconductors PCA9641PW Datasheet HTML 22Page - NXP Semiconductors PCA9641PW Datasheet HTML 23Page - NXP Semiconductors PCA9641PW Datasheet HTML 24Page - NXP Semiconductors PCA9641PW Datasheet HTML 25Page - NXP Semiconductors PCA9641PW Datasheet HTML 26Page - NXP Semiconductors PCA9641PW Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
23 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
9.
Arbitration
9.1 Rules
1. If a master keeps its request asserted after its grant, the master will indefinitely hold
the bus.
– If the bus goes IDLE for 100 ms, it will be disconnected only if the idle time-out
function is enabled and the reserve timer has expired.
2. If a master removes its request, then that master will lose its grant.
– If the other master is requesting the bus, it will be granted.
– If no master is requesting the bus, PCA9641 will disconnect from both.
3. If a master sets the reserve timer before its grant, the timer will clear its request when
it expires.
– This timer gives a 1 ms to 255 ms window for locking the bus. When the timer
expires, it clears the master’s request and follows Step 2.
– If the bus is idle for 100 ms and the reserve timer has not expired, the grant will not
be lost.
– If the master clears its request and the reserve timer has not expired, the grant will
be lost.
4. If both masters request the grant at the same time (close), the winner will be
determined as follows:
– The first master to set the request bit in the register wins. START does not matter,
and nothing else really matters as the masters might have different clock
frequencies, etc. The master might be doing a burst write with an address rollover,
making the control register the last byte it writes. However, if the bit is set in the
control register first, it wins.
– The action of the grant is applied when the winning master’s transaction is
terminated with a STOP. (It is not OK to do a Re-START when requesting the bus;
before accessing the downstream slaves, master must issue a STOP.)
– If both masters request at the exact same time, and logic cannot determine a
winner, the control register priority bit determines which master to give the grant to.
See Section 8.2.
5. A write to the control register for a REQUEST will always be answered with an ACK.
– The master must poll the control register or use the interrupts to determine when
the grant is awarded.
9.2 Disconnect events
The following events cause a master to disconnect condition to occur, assuming the
conditions from the previous section are satisfied to allow the grant to be removed and the
downstream bus to be disconnected.
1. STOP (ideal, this is the cleanest way).
2. Bus IDLE for 100 ms (not ideal).
3. Writing 0 to LOCK_REQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com