Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 39Page - NXP Semiconductors PCA9641PW Datasheet HTML 40Page - NXP Semiconductors PCA9641PW Datasheet HTML 41Page - NXP Semiconductors PCA9641PW Datasheet HTML 42Page - NXP Semiconductors PCA9641PW Datasheet HTML 43Page - NXP Semiconductors PCA9641PW Datasheet HTML 44Page - NXP Semiconductors PCA9641PW Datasheet HTML 45Page - NXP Semiconductors PCA9641PW Datasheet HTML 46Page - NXP Semiconductors PCA9641PW Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
43 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
Fig 31. Definition of timing on the I2C-bus
tSP
tBUF
tHD;STA
P
P
S
tLOW
tr
tHD;DAT
tf
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
002aaa986
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
Rise and fall times, refer to VIL and VIH.
Fig 32. I2C-bus timing diagram
002aab175
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
bit 0
(R/W)
acknowledge
(A)
STOP
condition
(P)
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW
tHIGH
tVD;ACK
tSU;STO
1 / fSCL
tr
tVD;DAT
0.3 × VDD
0.7 × VDD
0.3 × VDD
0.7 × VDD
Fig 33. Definition of RESET timing
SDA
SCL
002aae735
trst
50 %
30 %
50 %
50 %
50 %
tREC;STA
tw(rst)L
RESET
INTn
START
trst
ACK or read cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com